Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10005 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # MJ10005
Description  NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MJ10005 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  MJ10005 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJ10005
NPN
SILICON TRANSISTOR
SWITCHING REGULATORS PWM INVERTERS
SOLENOID AND RELAY DRIVERS
TO-3
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Collector Current (DC)
Collector Dissipation (Tc=25°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
IC
PC
Tj
Tstg
500
400
20
175
200
-50~150
V
V
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Collector Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICBO
ICEO
hFE
VCE(sat)
VCB= 500V , IE=0
VCB=400V , IB=0
VCE=5V , IC=10A
IC=8A ,
IB=0.8A
40
10
10
1.5
µA
µA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - MJ10005

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10005 MOSPEC-MJ10005 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
logo
Boca Semiconductor Corp...
MJ10005 BOCA-MJ10005 Datasheet
189Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10005 NJSEMI-MJ10005 Datasheet
109Kb / 2P
   NPN Silicon Power Darlington Transistor with Base-Emitter Speedup Diode
More results

Similar Description - MJ10005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
BU326A WINGS-BU326A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
BU426A WINGS-BU426A Datasheet
20Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10007 WINGS-MJ10007 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
BU526A WINGS-BU526A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10004 WINGS-MJ10004 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10001 WINGS-MJ10001 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10002 WINGS-MJ10002 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ10012 WINGS-MJ10012 Datasheet
23Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
BU932 WINGS-BU932 Datasheet
19Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
BUW13A WINGS-BUW13A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com