Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9220B Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology ICS9220B Datasheet HTML 10Page - Integrated Device Technology ICS9220B Datasheet HTML 11Page - Integrated Device Technology ICS9220B Datasheet HTML 12Page - Integrated Device Technology ICS9220B Datasheet HTML 13Page - Integrated Device Technology ICS9220B Datasheet HTML 14Page - Integrated Device Technology ICS9220B Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1427A01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
11
IDTTM
Programmable RambusTM XDRTMClock Generator
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
95
°C/W
θ
JA
3 m/s air flow
80
°C/W
Thermal Resistance Junction to Case
θ
JC
20
°C/W
Thermal Resistance Junction to Top of
Case
Ψ
JT
Still Air
4.5
°C/W
Maximum Case Temp
120
°C
Thermal Resistance Junction to
Ambient
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
tCYCLEIN
910
11
ns
tcyc-tcyc
2
185
ps
dtin
over 10,000 cycles
40
60
%
tR, tF
20% to 80% of input voltage
175
700
ps
tR-F
20% to 80% of input voltage
-
150
ps
fINM
3
30
33
kHz
Triangular modulation
0.6
%
Non-triangular modulation
0.54
%
tsl(I)
20% to 80% of input voltage
1
4
V/ns
CINCLK
CLK_INT, CLK_INC
7
pF
CIN
VI = VDD2.5 or GND
10
pF
tCYCLETST
Bypass Mode
4
40
ns
fSMB
10
100
kHz
Notes:
1
2
3
4
5 Capacitance measured at f = 1 MHz, DC bias = 0.9V, VAC <100mV.
mINDEX
3
Measured at (VIH(nom) - VIL(nom))/2 and is the absolute value of the worst case deviation.
Measured at crossing points for differential clock input or at VTH for single- ended clock input.
If input modulation is used. Input modulation is not necessary.
The amount of allowed spreading for non-triangular modulation is determined by the induced downstream
tracking skew.
Spread spectrum modulation index
SMBus clock frequency
CLK_INT cycle time
Input Capacitance
5
Input clock duty cycle
Cycle-to-Cycle Jitter
AC Characteristics-Inputs
TA = -40°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 5% (unless otherwise stated)
PARAMETER
CLK_INT/CLK_INC cycle time
1
Input clock slew rate
Input Capacitance
5
CLK_INT/CLK_INC rise and fall time
Difference between input rise and fall
time on same pin of a single device
Spread spectrum modulation frequency


Similar Part No. - ICS9220B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9220 IDT-ICS9220 Datasheet
216Kb / 17P
   Programmable RambusTM XDRTM Clock Generator
More results

Similar Description - ICS9220B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9220 IDT-ICS9220 Datasheet
216Kb / 17P
   Programmable RambusTM XDRTM Clock Generator
logo
Integrated Circuit Solu...
ICS9214 ICSI-ICS9214_07 Datasheet
235Kb / 16P
   RambusTM XDRTM Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com