Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF1500 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF1500
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF1500 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF1500 Datasheet HTML 1Page - Microsemi Corporation ARF1500 Datasheet HTML 2Page - Microsemi Corporation ARF1500 Datasheet HTML 3Page - Microsemi Corporation ARF1500 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
V
isolation
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250μA)
On State Drain Voltage 1 (I
D(ON) = 30A, VGS = 10V)
Zero Gate Voltage Drain Current (V
DS = 500V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 400V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 30A)
RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
MIN
TYP
MAX
500
6
7.5
100
1000
±400
6
7.5
TBD
3
5
UNIT
Volts
μA
nA
mhos
Volts
Symbol
V
DSS
I
D
V
GS
P
D
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Device Dissipation @ T
C = 25°C
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF1500
500
60
±30
1500
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C
RF POWER MOSFET
N - CHANNEL ENHANCEMENT MODE
125V
750W
40MHz
The ARF1500 is an RF power transistor designed for very high power scientific, commercial, medical and industrial
RF power generator and amplifier applications up to 40 MHz.
• Specified 125 Volt, 27.12 MHz Characteristics:
Output Power = 750 Watts.
Gain = 17dB (Class C)
Efficiency > 75%
• High Performance Power RF Package.
• Very High Breakdown for Improved Ruggedness.
• Low Thermal Resistance.
• Nitride Passivated Die for Improved Reliability.
ARF1500
THERMAL CHARACTERISTICS
Symbol
R
θJC
R
θJHS
Characteristic (per package unless otherwise noted)
Junction to Case
Junction to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
MIN
TYP
MAX
0.10
0.16
UNIT
°C/W
Volts
DS
S
GS
S
ARF1500
BeO
1525-xx
SS
S
S
G
D
Microsemi Website - http://www.microsemi.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed
.
• RoHS Compliant


Similar Part No. - ARF1500

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF1500

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
   N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
   N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF1519 MICROSEMI-ARF1519 Datasheet
137Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com