Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0234A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0234A
Description  SAW Filter 315MHz TO39
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0234A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0234A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
54nH
54nH
1
2
3
12PF
12PF
E.OUTLINE DRAWING:


Similar Part No. - TA0234A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0230A TAI-SAW-TA0230A Datasheet
243Kb / 6P
   SAW Filter 942.5 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0230A GOLLEDGE-TA0230A Datasheet
113Kb / 5P
   SAW Filter 942.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0231A GOLLEDGE-TA0231A Datasheet
184Kb / 5P
   SAW Filter 942.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0232A TAI-SAW-TA0232A Datasheet
295Kb / 6P
   SAW Filter 1090MHz SMD 3.8횞3.8 mm
More results

Similar Description - TA0234A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05553 GOLLEDGE-MA05553 Datasheet
150Kb / 4P
   SAW Filter 315MHz
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
   SAW Filter 315MHz
TA0579A TAI-SAW-TA0579A Datasheet
285Kb / 7P
   SAW Filter 315MHz
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
   SAW Filter 315MHz SMD5X5mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0657A TAI-SAW-TA0657A Datasheet
304Kb / 6P
   SAW Filter 315MHz SMD 3.0횞3.0mm
TA0672A TAI-SAW-TA0672A Datasheet
365Kb / 6P
   SAW Filter 315MHz SMD 3.8횞3.8mm
TA0283A TAI-SAW-TA0283A Datasheet
246Kb / 4P
   SAW Filter 315.5MHz TO39
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com