Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0254A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0254A
Description  SAW Filter 930 MHz SMD 3X3 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0254A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0254A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0254A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 930 MHz
MODEL NO.: TA0254A
REV. NO.:2
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: 0
°C to +70°C
4.Storage Temperature: -30
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
930
-
Insertion loss (920~940 MHz)
IL
(dB)
-
2.7
3.0
Amplitude ripple (920~940 MHz)
(dB)
-
1.5
2.0
Group Delay Variation in any 2 MHz bandwidth (ns)
-
4
7
Attenuation (Reference level from 0 dB)
DC ~ 890
MHz
(dB)
25
29
-
970 ~ 2000
MHz
(dB)
25
32
-
Return Loss (920~940 MHz)
(dB)
9
12
-
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0254A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0254A GOLLEDGE-TA0254A Datasheet
180Kb / 5P
   SAW Filter 930MHz
More results

Similar Description - TA0254A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
TA0273A TAI-SAW-TA0273A Datasheet
465Kb / 7P
   SAW Filter 2332.5 MHz SMD 3X3 mm
TA0175H TAI-SAW-TA0175H Datasheet
421Kb / 7P
   SAW Filter 1960 MHz SMD 3X3 mm
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
TA0294A TAI-SAW-TA0294A Datasheet
439Kb / 6P
   SAW Filter 1880 MHz SMD 3X3 mm
TA0449A TAI-SAW-TA0449A Datasheet
256Kb / 5P
   SAW Filter 1575.42 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com