Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6974FV Datasheet(PDF) 1 Page - Rohm

Part # BD6974FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6974FV Datasheet(HTML) 1 Page - Rohm

  BD6974FV Datasheet HTML 1Page - Rohm BD6974FV Datasheet HTML 2Page - Rohm BD6974FV Datasheet HTML 3Page - Rohm BD6974FV Datasheet HTML 4Page - Rohm BD6974FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
STRUCTURE
Silicon Monolithic Integrated Circuit
PRODUCT SERIES
Single-Phase Full-Wave Motor Driver for Fan Motor
TYPE
BD6974FV
FEATURES
Pre-driver compatible for external Tr
Speed controllable by DC/PWM input
PWM soft switching drive
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
20
V
Power dissipation
Pd
874.7*
mW
Operating temperature
Topr
-40 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
High side output voltage
VOH
36
V
Low side output voltage
VOL
15
V
Low side output current
IOL
10
mA
AL output current
IAL
10
mA
AL output voltage
VAL
20
V
REF current ability
IREF
12
mA
HB current ability
IHB
12
mA
Input voltage(H+, H-, TH, MIN, CS, SS)
VIN
7
V
Junction temperature
Tjmax
150
°C
Reduce by 7.0mW/°C over Ta=25°C.
(On 70.0mm×70.0mm×1.6mm glass epoxy board)
OPERATING CONDITIONS
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
4.3 to 17.0
V
Hall input voltage range
VH
0 to Vcc-2.0
V
0 to 7.0
V
TH input voltage range
VTH
0 to REF
V
MIN input voltage range
VMIN
0 to REF
V
This product is not designed for production against radioactive rays.
This document may be strategic data subject to COCOM regulations.
less than Vcc=9.0V
more than Vcc=9.0V


Similar Part No. - BD6974FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6974FV-LB ROHM-BD6974FV-LB Datasheet
750Kb / 20P
   Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD6974FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com