Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7541G Datasheet(PDF) 11 Page - Rohm

Part # BD7541G
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7541G Datasheet(HTML) 11 Page - Rohm

Back Button BD7541G Datasheet HTML 7Page - Rohm BD7541G Datasheet HTML 8Page - Rohm BD7541G Datasheet HTML 9Page - Rohm BD7541G Datasheet HTML 10Page - Rohm BD7541G Datasheet HTML 11Page - Rohm BD7541G Datasheet HTML 12Page - Rohm BD7541G Datasheet HTML 13Page - Rohm BD7541G Datasheet HTML 14Page - Rohm BD7541G Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
11/20
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
4
8
12
16
SUPPLY VOLTAGE [V]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
8
9
10
11
12
13
OUTPUT VOLTAGE [V]
4
8
12
16
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
50
-1
0
123
OUTPUT VOLTAGE [V]
0
20
40
60
80
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
4
8
12
16
4
8
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
2
4
6
8
10
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [°C]
BD7542 family
Output Sink Current – Ambient Temperature
(VOUT=VDD-11.6[V])
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
BD7542 family
(*)The above data is ability value of sample, it is not guaranteed. BD7561:-40[℃]~+85[℃] BD7561S:-40[℃]~+105[℃]
14.5V
5V
12V
BD7542F
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
BD7542SFVM
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
BD7542FVM
BD7542SF
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
Output Sink Current – Output Voltage
(VDD=12[V])
Output Source Current – Output Voltage
(VDD=12[V])
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Output Voltage High – Supply Voltage
(RL=10[kΩ])
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
Derating Curve
Derating Curve
Fig. 70
Fig. 71
Fig. 72
Fig. 73
Fig. 74
Fig. 75
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81


Similar Part No. - BD7541G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7541G ROHM-BD7541G Datasheet
688Kb / 17P
   Operational Amplifiers: High Voltage CMOS
BD7541G ROHM-BD7541G Datasheet
2Mb / 35P
   CMOS Operational Amplifiers
BD7541G-TR ROHM-BD7541G-TR Datasheet
2Mb / 35P
   CMOS Operational Amplifiers
BD7541GE2 ROHM-BD7541GE2 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7541GTR ROHM-BD7541GTR Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
More results

Similar Description - BD7541G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com