Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC9901 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # GC9901
Description  Schottky Barrier Diodes TM For Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9901 Datasheet(HTML) 6 Page - Microsemi Corporation

  GC9901 Datasheet HTML 1Page - Microsemi Corporation GC9901 Datasheet HTML 2Page - Microsemi Corporation GC9901 Datasheet HTML 3Page - Microsemi Corporation GC9901 Datasheet HTML 4Page - Microsemi Corporation GC9901 Datasheet HTML 5Page - Microsemi Corporation GC9901 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GC9901 – GC9944
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 6
Schottky Barrier Diodes
For Mixers and Detectors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
PACKAGE STYLE 129A
STYLE 174B
.
PACKAGE STYLE 129B
STYLE 174C
PACKAGE STYLE 129C
OR DERIN G INFO R M ATIO N
Package style and configuration should be included
when ordering 3 and 4 terminal products.
Format: partnum – pkg – config
For example:
-
Order a ring quad in a 128C package as:
GC9901-128C-QR1
-
Order a bridge quad in a 128C package as:
-
GC9901-128C-QB1
Consult Factory for assistance.
OTHER P A CK A G E STYLES A V A I L A BLE ON REQUEST


Similar Part No. - GC9901

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC9981 MICROSEMI-GC9981 Datasheet
164Kb / 2P
   Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9982 MICROSEMI-GC9982 Datasheet
164Kb / 2P
   Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9983 MICROSEMI-GC9983 Datasheet
164Kb / 2P
   Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9984 MICROSEMI-GC9984 Datasheet
164Kb / 2P
   Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9985 MICROSEMI-GC9985 Datasheet
164Kb / 2P
   Schottky Barrier Diodes TM Ultra High Drive Monolithic
More results

Similar Description - GC9901

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Agilent(Hewlett-Packard...
HSCH-5300 HP-HSCH-5300 Datasheet
76Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Siemens Semiconductor G...
BAT114-099 SIEMENS-BAT114-099 Datasheet
47Kb / 3P
   Silicon Dual Schottky Diode (High barrier diode for balanced mixers, phase detectors and modulators)
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
MS8250-48 MICROSEMI-MS8250-48 Datasheet
140Kb / 2P
   SCHOTTKY DIODES TM Silicon Low Barrier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com