Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC84005-00 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC84005-00
Description  PASSIVE DEVICES MNS Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC84005-00 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC84005-00 Datasheet HTML 1Page - Microsemi Corporation GC84005-00 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GC84001 – GC84300
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-01-08
RoHS Compliant
PASSIVE DEVICES
MNS Capacitors
CHIP ELECTRICAL PARAMETERS @ 25C
(unless otherwise specified)
Model Number
CJ(pF)
@VR=0V
(+/- 10%)
VR(V)
(Min)
OUTLINE
GC84001-00
1
100
A
GC84002-00
2
100
B
GC84003-00
3
100
B
GC84004-00
4
100
B
GC84005-00
5
100
B
GC84006-00
6
100
B
GC84007-00
7
100
B
GC84008-00
8
100
B
GC84009-00
9
100
B
GC84010-00
10
100
B
GC84015-00
15
100
B
GC84020-00
20
100
C
GC84025-00
25
100
C
GC84030-00
30
100
C
GC84040-00
40
100
C
GC84050-00
50
100
D
GC84060-00
60
100
D
GC84080-00
80
100
E
GC84100-00
100
100
E
GC84150-00
150
100
F
GC84200-00
200
100
F
GC84300-00
300
100
G
.
.
MECHANICAL DIMENSIONS
OUTLINE
Chip
“A” X “B”
(Inches)
(Nominal)
Chip
Thickness “C”
(Inches)
(Nominal)
Bond Pad
“D” X “E”
(Inches)
(Nominal)
A
0.010 X 0.010
0.007
0.005 X 0.005
B
0.015 X 0.015
0.007
0.010 X 0.010
C
0.020 X 0.020
0.007
0.015 X 0.015
D
0.025 X 0.025
0.007
0.020 X 0.020
E
0.030 X 0.030
0.007
0.025 X 0.025
F
0.040 X 0.040
0.007
0.035 X 0.035
G
0.050 X 0.050
0.007
0.045 X 0.045


Similar Part No. - GC84005-00

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GC82R10BAB THINKING-GC82R10BAB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GC82R10BAR THINKING-GC82R10BAR Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GC82R10BAT THINKING-GC82R10BAT Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GC82R10BNB THINKING-GC82R10BNB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GC82R10BNR THINKING-GC82R10BNR Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
More results

Similar Description - GC84005-00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
   MNS Microwave Chip Capacitors
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
   MNS Microwave Chip Capacitors
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
   MNS Microwave Chip Capacitors
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
   MNS Microwave Chip Capacitors
logo
Microsemi Corporation
MPC8010 MICROSEMI-MPC8010 Datasheet
435Kb / 2P
   PASSIVE DEVICES - MMSM� Capacitors
logo
Bourns Electronic Solut...
2FAL-M16R BOURNS-2FAL-M16R Datasheet
277Kb / 3P
   Integrated Passive & Active Devices
2FAF-M8R BOURNS-2FAF-M8R Datasheet
300Kb / 3P
   Integrated Passive & Active Devices
2FAG-M12R BOURNS-2FAG-M12R_07 Datasheet
279Kb / 3P
   Integrated Passive & Active Devices
2FAG-M12R BOURNS-2FAG-M12R Datasheet
276Kb / 3P
   Integrated Passive & Active Devices
logo
Microsemi Corporation
GC9001 MICROSEMI-GC9001 Datasheet
113Kb / 2P
   PASSIVE DEVICES - Spiral Bias Elements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com