Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0330A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0330A
Description  SAW Filter 821MHz SMD 3.0횞3.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0330A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0330A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0330A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0330A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0330A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0330A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0330A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
F.OUTLINE DRAWING:
#B : Input
#E : Output
#A,C,D,F : Ground
: Year Code
: Date Code
Unit: mm


Similar Part No. - TA0330A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0330A GOLLEDGE-TA0330A Datasheet
197Kb / 5P
   SAW Filter 821.0MHz
More results

Similar Description - TA0330A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
   SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
   SAW Filter 860.5MHz SMD 3.0횞3.0mm
TA0416A TAI-SAW-TA0416A Datasheet
314Kb / 5P
   SAW Filter 864MHz SMD 3.0횞3.0mm
TA0675A TAI-SAW-TA0675A Datasheet
494Kb / 6P
   SAW Filter 1176.45MHz SMD 3.0횞3.0mm
TA0547A TAI-SAW-TA0547A Datasheet
1,012Kb / 7P
   SAW Filter 867.5MHz SMD 3.0횞3.0mm
TA0478A TAI-SAW-TA0478A Datasheet
647Kb / 6P
   SAW Filter 810MHz SMD 3.0횞3.0mm
TA0536A TAI-SAW-TA0536A Datasheet
529Kb / 5P
   SAW Filter 1300MHz SMD 3.0횞3.0mm
TA0331A TAI-SAW-TA0331A Datasheet
988Kb / 6P
   SAW Filter 866MHz SMD 3.0횞3.0mm
TA0375A TAI-SAW-TA0375A Datasheet
273Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
TA0415A TAI-SAW-TA0415A Datasheet
520Kb / 5P
   SAW Filter 800MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com