Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG75430-02 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG75430-02
Description  REFLECTIVE SP5T SWITCH with TTL Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG75430-02 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG75430-02 Datasheet HTML 1Page - Microsemi Corporation GG75430-02 Datasheet HTML 2Page - Microsemi Corporation GG75430-02 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GG75430
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
REFLECTIVE SP5T SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
.
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Frequency
Range
Ins. Loss (dB)
(Max
Isol. (dB)
(Min)
VSWR
(Max)
SWITCHING
SPEED (nS)
(Max)
GG75430-01
0.5 - 4.0
1.3
60
1.5:1
50
GG75430-02
2.0 - 8.0
2.1
55
1.7:1
50
GG75430-03
4.0 - 12.4
2.6
50
1.8:1
50
GG75430-04
8.0 - 18.0
3.3
45
1.9:1
50
GG75430-05
2.0 - 18.0
3.3
45
2.0:1
50
Notes:
1. RF Power Handling; 0.5W CW
2. Switching Speed: 50nsec. (max).
3. Switching Speed is measured from the 50% point of the TTL pulse to the
90/10% point of the RF pulse at a 2 MHz maximum switching rate.
4. Required D.C. Bias: +5v @ 200mA (max) and -8 to -15v @ 50 mA (max).
5. Temperature Rating: Operating, -55 to +95°C; Storage, -55 to +125°C.
ENVIRONMENTAL
These units are designed to withstand the following
environmental conditions without damage.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD CONDITION
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
Acceleration
883
2001
1
(Y1 Axis)
Burn In
883
1015
125 ºC
Humidity
202
103B
B
External Visual
883
2009
- -


Similar Part No. - GG75430-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-01 MICROSEMI-GG75420-01 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-02 MICROSEMI-GG75420-02 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-03 MICROSEMI-GG75420-03 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-04 MICROSEMI-GG75420-04 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
More results

Similar Description - GG75430-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML027 MACOM-MASWML027 Datasheet
81Kb / 1P
   SP5T Reflective Switch with TTL SP5T Reflective Switch with TTL
logo
Microsemi Corporation
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
logo
Tyco Electronics
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
   SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Microsemi Corporation
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
   REFLECTIVE SPST SWITCH with TTL Driver
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
   REFLECTIVE SPDT SWITCH with TTL Driver
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG75030 MICROSEMI-GG75030 Datasheet
85Kb / 2P
   REFLECTIVE SP5T SWITCH MODULES
logo
Tyco Electronics
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
   SP5T PIN Diode Reflective Switch
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
   AlGaAs SP5T Reflective PIN Diode Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com