Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8904FV Datasheet(PDF) 1 Page - Rohm

Part # BD8904FV
Description  IC card interface ICs with Built-in DC / DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8904FV Datasheet(HTML) 1 Page - Rohm

  BD8904FV Datasheet HTML 1Page - Rohm BD8904FV Datasheet HTML 2Page - Rohm BD8904FV Datasheet HTML 3Page - Rohm BD8904FV Datasheet HTML 4Page - Rohm BD8904FV Datasheet HTML 5Page - Rohm BD8904FV Datasheet HTML 6Page - Rohm BD8904FV Datasheet HTML 7Page - Rohm BD8904FV Datasheet HTML 8Page - Rohm BD8904FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
IC Card Interface ICs
IC card interface ICs
with Built-in DC / DC Converter
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Overview
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV and BD8907F are an interface IC for a 3V or 5V smart card.
It works as a bidirectional signal buffer between a smart card and a controller. Also, it supplies 3V or 5V power to a smart
card. With electrostatic breakdown voltage of more than HBM: ±6000V, it protects the card contact pins.
Features
1) 3 half duplex bidirectional buffers
2) Protection against short-circuit for all the card contact pins
3) Card power source (VREG) of 3V or 5V
4) Overcurrent protection for card power source
5) Built-in thermal shutdown circuit
6) Built-in supply voltage detector
7) Automatic start-up/shutdown sequence function for card contact pin
Start-up sequence: driven by a signal from controller (CMDVCCB↓)
Shutdown sequence: driven by a signal from controller (CMDVCCB↑) and fault detection (card removal,
short circuit of card power, IC overheat detection, VDD or VDDP drop)
8) Card contact pin ESD voltage ≧ ±6000V
9) 2MHz - 26MHz integrated crystal oscillator
10) Programmable for clock division of output signal by 1, 1/2, 1/4, and 1/8
11) RST output control by RSTIN input signal (positive output)
12) One multiplexed card status output by OFFB signal
Line up matrix
Part No.
Resistor to set VDD
voltage detector
Input Voltage
Operating
temperature
Package
VDD
VDDP
BD8904F
External
2.7V - 5.5V
3.0V - 5.5V
-40°C - +85°C
SOP28
BD8904FV
External
2.7V - 5.5V
3.0V - 5.5V
-40°C - +85°C
SSOP-B28
BD8905F
External
2.7V - 5.5V
3.0V - 5.5V
-25°C - +85°C
SOP28
BD8906F
Built-in
3.0V - 5.5V
3.0V - 5.5V
-25°C - +85°C
SOP28
BD8906FV
Built-in
3.0V - 5.5V
3.0V - 5.5V
-25°C - +85°C
SSOP-B28
BD8907F
Built-in
3.0V - 5.5V
3.0V - 5.5V
-40°C - +85°C
SOP28
Application
Interface for smart cards
Interface for B-CAS cards
No.09056EAT02


Similar Part No. - BD8904FV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD890CS PANJIT-BD890CS Datasheet
122Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890CT PANJIT-BD890CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890S PANJIT-BD890S Datasheet
123Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890T PANJIT-BD890T Datasheet
47Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890YS PANJIT-BD890YS Datasheet
88Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD8904FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8645EFV ROHM-BD8645EFV Datasheet
263Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
   1ch DC/DC Converter IC built in synchronous rectifier
BD9130NV ROHM-BD9130NV Datasheet
337Kb / 6P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
   1ch DC/DC Converter IC built in Synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com