Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV Datasheet(PDF) 4 Page - Rohm

Part # BD8960NV
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 4 Page - Rohm

  BD8960NV Datasheet HTML 1Page - Rohm BD8960NV Datasheet HTML 2Page - Rohm BD8960NV Datasheet HTML 3Page - Rohm BD8960NV Datasheet HTML 4Page - Rohm BD8960NV Datasheet HTML 5Page - Rohm BD8960NV Datasheet HTML 6Page - Rohm BD8960NV Datasheet HTML 7Page - Rohm BD8960NV Datasheet HTML 8Page - Rohm BD8960NV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Note
BD8960NV
4/14
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Characteristics data (Reference data) – Continued
VOUT
IOUT
VOUT
IOUT
VCC=3.3V
Ta=25℃
VOUT=1.8V】
Fig. 15 Transient response
Io=1A→2A(10μs)
VCC=3.3V
Ta=25℃
VOUT=1.8V】
Fig.16 Transient response
Io=2A→1A(10μs)
0.8
0.9
1
1.1
1.2
2.73.1
3.53.9
4.34.7
5.15.5
INPUT VOLTAGE:VCC[V]
VCC=3.3V
Ta=25℃
Io=0A
VOUT=1.8V】
Ta=25℃
VOUT
VCC=PVCC
=EN
[VOUT=1.8V】
VCC=3.3V
Ta=25℃
VOUT
SW
Fig.13 Soft start waveform
Fig.14 S SW waveform Io=10mA
Fig.12 Vcc-Fosc


Similar Part No. - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8960NV-E2 ROHM-BD8960NV-E2 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com