Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8919FV Datasheet(PDF) 5 Page - Rohm

Part # BD8919FV
Description  IC Card Interface ICs with Built-in Low Noise LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8919FV Datasheet(HTML) 5 Page - Rohm

  BD8919FV Datasheet HTML 1Page - Rohm BD8919FV Datasheet HTML 2Page - Rohm BD8919FV Datasheet HTML 3Page - Rohm BD8919FV Datasheet HTML 4Page - Rohm BD8919FV Datasheet HTML 5Page - Rohm BD8919FV Datasheet HTML 6Page - Rohm BD8919FV Datasheet HTML 7Page - Rohm BD8919FV Datasheet HTML 8Page - Rohm BD8919FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BD8918F, BD8918FV, BD8919F, BD8919FV
www.rohm.com
2009.12 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Name
Pin function Diagram
Pin Name
Pin function Diagram
1XTAL1
8IO_C
2XTAL2
3VDD
9
RST
4CLKSEL
10
CLK
5RSTIN
6IO_U
11
VCC
7CGND
Pin No.
Pin No.
3
VDDP
9
VREG
VREG
10
VDDP
VDD
4,5
VDDP
8
VREG
VREG
5
VDD
VDD
2
1
VDD
VDD
VDDP
11
VDDP
●Pin Function Diagram


Similar Part No. - BD8919FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919FV ROHM-BD8919FV Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
BD8919FV-E2 ROHM-BD8919FV-E2 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
More results

Similar Description - BD8919FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919F ROHM-BD8919F_1 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com