Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V7855SWFR Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5V7855SWFR
Description  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855SWFR Datasheet(HTML) 4 Page - Integrated Device Technology

  5V7855SWFR Datasheet HTML 1Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 2Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 3Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 4Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 5Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 6Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 7Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 8Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
4
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
Output Divider (D)
The Output Divider register is a 7-bit register so the possible values
which may be programmed are 1 through 127. Combining the
information from the three registers, including the final output divider
and the crystal frequency, the output frequency may be derived.
The actual frequency produced from a given crystal frequency may
be determined as:
FOUT
is the output frequency
FXTAL
is the Crystal Frequency
P
is the Prescaler Value
D
is the Output Divider Value
MDEC
is the Fractional Divider (decimal) Value
Fine Frequency Adjustment
The IDT5V7855 also has a fine frequency adjustment capability
utilizing adjustable tuning capacitors in the crystal oscillator. These
capacitors are set through a tuning capacitor register which is a 9-bit
register and the resolution of the tuning capacitance is approximately
0.01pF per bit. The frequency ppm tuning performance can be found
by:
C1
is the Crystal Motional Capacitance
C0
is the Crystal Shunt Capacitance
CL
is the Inherent (parasitic) Load Capacitance
CSTEP is the Tuning Capacitance Resolution 0.01pF
TREG
is the Tuning Capacitor Register Value from 0 to 511
Determining the Appropriate Register Settings
A typical use for this type of device is generating virtually any
frequency between 1MHz to 170MHz from a single crystal frequency
value. The steps required to accomplish this are:
1.
Determine the crystal frequency.
2.
Determine the desired output frequency.
3.
Determine the proper prescaler value using the crystal
frequency and the associated phase detector frequency.
4.
Determine the proper output divider using the desired
output frequency to optimize the internal VCO frequency.
5.
Determine the appropriate fractional multiplier value using
the phase detector frequency and the VCO frequency.
6.
Determine the MBIN value by multiplying the MDEC value
by 16384.
Using table 3B, identify the crystal frequency from the given ranges
and select the associated prescaler (P) value. The phase detector
frequency is then calculated as:
Table 3B. Crystal Range Table
Identify the range(s) that match the desired output frequency and
select the associated Output Divider (D) value. The VCO frequency
is then calculated as:
Table 3C. FVCO Table
NOTE: The specified minimum output frequency is 1MHz. While
output frequencies less than 1MHz are possible, specified device
performance is not guaranteed.
FOUT
FXTAL
() x MDEC
Px Dx 2
()
---------------------------
=
FREQ ppm
()
C1
2
--------x
1
C0
CL C
STEP xTREG
++
------------------------------------------------------------------
1
C0
CL
+
----------------------


x106ppm
=
Crystal Range
(MHz)
Prescaler (P)
Phase Detector
Frequency (MHz)
16 – 50
1
16 – 50
16 – 50
2
8 – 25
16 – 50
3
5.3333 – 16.6667
21.25 – 50
4
5.3125 – 12.5
26.5625 – 50
5
5.3125 – 10
31.875 – 50
6
5.3125 – 8.3333
Output Frequency Range
(MHz) FOUT
Output Divider
(D)
VCO
Frequency
(MHz)
85.0000 – 170.0000
1
170 – 340
42.5000 – 85.0000
2
170 – 340
28.3333 – 56.6667
3
170 – 340
21.2500 – 42.5000
4
170 – 340
17.0000 – 34.0000
5
170 – 340
14.1667 – 28.3333
6
170 – 340
• • •
• • •
• • •
0.6800 – 1.3600 (NOTE)
125
170 – 340
0.6746 – 1.3492 (NOTE)
126
170 – 340
0.6693 – 1.3386 (NOTE)
127
170 – 340
F
PHASE
DET
F
XTAL
P
----------------


=
F
VCO
F
OUT xDx 2
()
=


Similar Description - 5V7855SWFR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com