Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KV2131 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # KV2131
Description  VARACTOR DIODES Microwave Hyperabrupt Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KV2131 Datasheet(HTML) 2 Page - Microsemi Corporation

  KV2131 Datasheet HTML 1Page - Microsemi Corporation KV2131 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KV2111 – KV2161
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
VARACTOR DIODES
Microwave Hyperabrupt Junction
TM
®
MICROWAVE HYPERABRUPT VARACTORS
Notes
1) Q is determined at V
R= 4V, ƒ=50 MHz by
fRsCj
2
/
1
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
CJ (pF)
ƒ = 1 MHz
Min / Typ / Max
Capacitance
Ratio
Typ.
Quality
Factor
1
Min
MODEL
NUMBER
VR = 0V (typ)
VR = 4V
VR = 20V
C(-4V) / C(-20V)
Q @ -4V
ƒ = 50MHz
KV2111-00
2.1
0.70 / 0.80 / 0.90
0.15 / 0.20 / 0.25
4.0
1200
KV2121-00
3.1
1.15 / 1.3 / 1.45
0.25 / 0.30 / 0.35
4.3
1000
KV2131-00
4.9
1.6 / 1.8 / 2.0
0.35 / 0.42 / 0.50
4.3
850
KV2141-00
7.2
2.5 / 2.8 / 3.1
0.50 / 0.60 / 0.70
4.7
700
KV2151-00
14.0
4.3 / 4.8 / 5.3
0.80 / 0.95 / 1.10
5.0
600
KV2161-00
26.0
8.6 / 9.6 / 10.6
1.7 / 1.9 / 2.3
5.1
400
CJ VS VOLTAGE
PACKAGE STYLE 00
Dimension
Nominal
A
0.015”
B
0.015”
C
0.007”
D
Depends on Part#
Consult Factory for Details
Microsemi offers a wide selection of package options
depending on your circuit application. Please consult
the factory for assistance.


Similar Part No. - KV2131

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV2133 MICROSEMI-KV2133 Datasheet
290Kb / 4P
   ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
KV2133 MICROSEMI-KV2133 Datasheet
158Kb / 3P
   ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
More results

Similar Description - KV2131

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A_1 Datasheet
90Kb / 2P
   VARACTOR DIODES UHF Microwave Super-Hyperabrupt Junction
KV1911A MICROSEMI-KV1911A Datasheet
58Kb / 1P
   UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Microsemi Corporation
KV2001 MICROSEMI-KV2001 Datasheet
121Kb / 4P
   VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com