Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5013 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N5013
Description  NPN SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5013 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N5013 Datasheet HTML 1Page - Microsemi Corporation 2N5013 Datasheet HTML 2Page - Microsemi Corporation 2N5013 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/727
T4-LDS-0067 Rev. 1 (082021)
Page 3 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (Cont.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Base-Emitter Saturation Voltage
IC = 25mA
IC = 20mA
IB = 5mA, Pulsed
2N5010, 2N5011, 2N5012
2N5013, 2N5014, 2N5015
VBE(SAT)
1.0
1.0
Vdc
Vdc
Collector-Emitter Saturation Voltage
IC = 25mA
IC = 25mA
IC = 25mA
IC = 20mA
IC = 20mA
IC = 20mA
IB = 5mA, Pulsed
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
VCE(SAT)
1.4
1.5
1.6
1.6
1.6
1.8
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of small signal short-circuit forward current transfer ratio
VCE = 10Vdc, IC = 25mA, f = 10MHz
VCE = 10Vdc, IC = 20mA, f = 10MHz
2N5010, 2N5011, 2N5012
2N5013, 2N5014, 2N5015
|hfe|
1.0
1.0
Open circuit output capacitance
VCB = 10V, IE = 0, f = 2MHz
Cobo
30
pF


Similar Part No. - 2N5013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5013 ETC-2N5013 Datasheet
284Kb / 6P
   0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Seme LAB
2N5013 SEME-LAB-2N5013 Datasheet
11Kb / 1P
   Bipolar NPN Device
logo
Solid States Devices, I...
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
   0.5 AMP 800 - 1000 Volts NPN Transistor
logo
Microsemi Corporation
2N5013 MICROSEMI-2N5013 Datasheet
60Kb / 4P
   NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5013 NJSEMI-2N5013 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
More results

Similar Description - 2N5013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com