Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3529A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N3529A
Description  ZENER VOLTAGE REGULATOR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3529A Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3529A Datasheet HTML 1Page - Microsemi Corporation 1N3529A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01844
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
400mW
ZENER VOLTAGE REGULATOR DIODE
LDS-0063 Rev. 2 (091964)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (CONT.) (TA = 25°C, unless otherwise specified)
Zener Voltage @ Izt
Zener Type #
Volts
@ mA
Zener Voltage
Tolerance
Max Zener Impedance @ Izt
Ohms
Power Rating
1N3532A
39.0
3.0
5%
100.0
400mW
1N3533A
43.0
2.0
5%
130.0
400mW
1N3534A
47.0
2.0
5%
150.0
400mW
NOTE 1 : Zener Voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25
oC + 3oC.
NOTE 2 : Zener impedance is derived by superimposing on IZT A 60Hz rms a.c. current equal to 10% of IZT.
NOTE 3 :
ΔVZ is the maximum difference between VZ at I
ZT and VZ at IZT measured with the device junction in thermal
equilibrium
.
DESIGN DATA
CASE: DO-35 Hermetically sealed glass case.
LEAD FINISH : Tin/ Lead
Cathode band denotes polarity


Similar Part No. - 1N3529A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3529A NJSEMI-1N3529A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
More results

Similar Description - 1N3529A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
   ZENER VOLTAGE REGULATOR DIODE
logo
Microsemi Corporation
1N705A MICROSEMI-1N705A Datasheet
135Kb / 1P
   Zener Voltage Regulator Diode
logo
New Jersey Semi-Conduct...
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
   Zener Voltage Regulator Diode
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
logo
Renesas Technology Corp
RKZ3.6BKV RENESAS-RKZ3.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ-KV RENESAS-RKZ-KV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Sensitron
1C6323 SENSITRON-1C6323 Datasheet
58Kb / 2P
   ZENER 0.5W VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com