Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1973BIPR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1973BIPR
Description  Automotive Light Sensor TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973BIPR Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1973BIPR Datasheet HTML 1Page - Microsemi Corporation LX1973BIPR Datasheet HTML 2Page - Microsemi Corporation LX1973BIPR Datasheet HTML 3Page - Microsemi Corporation LX1973BIPR Datasheet HTML 4Page - Microsemi Corporation LX1973BIPR Datasheet HTML 5Page - Microsemi Corporation LX1973BIPR Datasheet HTML 6Page - Microsemi Corporation LX1973BIPR Datasheet HTML 7Page - Microsemi Corporation LX1973BIPR Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LX1973B
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Automotive Light Sensor
TM
®
Copyright
© 2007
Rev. 1.3, 2008-01-11
ABSOLUTE MAXIMUM RATINGS
VDD ................................................................................................................. -0.3 to 6 VDC
SNK/SRC (Output Compliance Voltage)........................................... -0.3 to VDD + 0.3VDC
SNK/SRC (Maximum Output Current)................................................... Internally Limited
Operating Temperature Range ........................................................................ -40 to +85°C
Storage Temperature Range.......................................................................... -40 to +100°C
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 seconds maximum exposure)..................................................................240°C (+0, -5)
Notes:
1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
PL Plastic MSOP Domed 8-Pin
PR Plastic MSOP Domed 8-Pin Reverse Form
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
39
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device / pc-board
system. All of the above assume no ambient airflow.
FUNCTIONAL PIN DESCRIPTION
Name
Pin
Description
VDD
1 Power Supply Voltage
VSS
8 Ground Reference for Power and Signal Output
OUT
4 Output Current
PACKAGE PIN OUT
VDD
NC
NC
OUT
VSS
NC
NC
NC
PL PACKAGES
(Top View)
VSS
VDD
NC
OUT
NC
NC
NC
NC
PL PACKAGE MARKING
(Bottom View)
VSS
VDD
NC
OUT
NC
NC
NC
NC
PR PACKAGE MARKING
(Top View)
VDD
NC
NC
OUT
VSS
NC
NC
NC
PR PACKAGES
(Bottom View)
NC – No Connection
MSL3/240°C/168 Hours
SIMPLIFIED BLOCK DIAGRAM
PACKAGE
VDD
OUT
Photopic
Sensor with
Dark Current
Cancellation
Pre Amplifier
Compression
Amplifier
GND
LX1973B
Figure 1 –
Simplified Block Diagram
LX1973BIPL
LX1973BIPR


Similar Part No. - LX1973BIPR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973AIDR MICROSEMI-LX1973AIDR Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1973AIDR MICROSEMI-LX1973AIDR Datasheet
244Kb / 10P
   Automotive Light Sensor
More results

Similar Description - LX1973BIPR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A_09 Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC243-3B EVERLIGHT-ALS-PDIC243-3B Datasheet
209Kb / 8P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
New Japan Radio
NJL7502L NJRC-NJL7502L Datasheet
248Kb / 7P
   Ambient Light Sensor
logo
California Eastern Labs
PH5553A2NA1 CEL-PH5553A2NA1 Datasheet
663Kb / 13P
   Ambient Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com