Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH5D16NP-6R8N Datasheet(PDF) 4 Page - Analog Devices

Part # CDRH5D16NP-6R8N
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH5D16NP-6R8N Datasheet(HTML) 4 Page - Analog Devices

  CDRH5D16NP-6R8N Datasheet HTML 1Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 2Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 3Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 4Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 5Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 6Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 7Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 8Page - Analog Devices CDRH5D16NP-6R8N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 4 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, EN
−0.3 V to +28 V
SW
−1.0 V to +28 V
BST to SW
−0.6 V to +6 V
BST
−0.3 V to +28 V
FB
−0.3 V to +3.3 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance1
Package Type
θJA
θJC
Unit
6-Lead TSOT
186.02
66.34
°C/W
1
θ
JA
and
θ
JC
are measured using natural convection on a JEDEC 4-layer board.
ESD CAUTION


Similar Part No. - CDRH5D16NP-6R8N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D16NP-6R8NC SUMIDA-CDRH5D16NP-6R8NC Datasheet
165Kb / 4P
   SMD Power Inductor
CDRH5D16NP-6R8NC SUMIDA-CDRH5D16NP-6R8NC Datasheet
165Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH5D16NP-6R8N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
[Old version datasheet]   17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
[Old version datasheet]   17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
[Old version datasheet]   17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com