Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX6433CSE Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX6433CSE
Description  TM Precision Voltage Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6433CSE Datasheet(HTML) 4 Page - Microsemi Corporation

  LX6433CSE Datasheet HTML 1Page - Microsemi Corporation LX6433CSE Datasheet HTML 2Page - Microsemi Corporation LX6433CSE Datasheet HTML 3Page - Microsemi Corporation LX6433CSE Datasheet HTML 4Page - Microsemi Corporation LX6433CSE Datasheet HTML 5Page - Microsemi Corporation LX6433CSE Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2003
Rev. 1.1, 2009-02-11
LX6433
Precision Voltage Monitor
TM
®
FUNCTIO N AL DESCRIPTIO N
The LX6433 operates as a power supply monitor with a
threshold window of 1.085V to 1.125V (±1.8%) that
can be programmable using external resistors.
The
VMON pin is the input to the internal comparator and
VIN is the power source for the IC. The RESET pin is
an open drain, with active low logic. An external pull-
up resistor can be used if the device (ASIC) driven
does not provide this feature.
As VMON ramps upwards from zero, RESET is held
low until VMON exceeds the threshold, this starts an
internal 100ms timer which continues to hold RESET
low for that interval. As long as VMON remains above
the threshold level and the 100ms timer has completed
the cycle, RESET remains high (high impedance state).
If a transient of less than 10uS interrupts VMON
causing a drop below the threshold the LX6433 will
ignore the event.
If VMON does drop below the
threshold for greater than 12µS the RESET will remain
low until VMON recovers above the threshold and the
RESET time pulse has been timed out (100ms).
PACK AG E DI MEN S IONS
SE
5 Pin Plastic SOT-23
H
G
F
E
A1
J
I
C
K
A
B
D
Note:
1. Controlled dimensions are in mm, inches are for
reference only.
2. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm (.006”) on any side.
Lead dimension shall not include solder coverage
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX


Similar Part No. - LX6433CSE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6431 MICROSEMI-LX6431 Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431 MICROSEMI-LX6431 Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431A MICROSEMI-LX6431A Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX6433CSE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Analog Devices
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com