Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXP1000-23-0 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXP1000-23-0
Description  SURFACE MOUNT SOT23 PKG PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXP1000-23-0 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXP1000-23-0 Datasheet HTML 1Page - Microsemi Corporation LXP1000-23-0 Datasheet HTML 2Page - Microsemi Corporation LXP1000-23-0 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LXP1000 – LXP1011
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev. 2009-02-02
RoHS Compliant
SURFACE MOUNT
SOT23 PKG PIN Diodes
ELECTRICAL PARAMETERS @ 25
C (Unless Otherwise Specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@VR
(Typ)
VR (V)
Rs(Ω)
2
@IF
(Max)
IF(mA)
TL(nS)
3
.
(Typ)
Application
LXP1000
35
0.28
5
2.5
5
40
Switch
LXP1002
100
0.32
50
4.0
100
1500
Attenuator
LXP1004
35
0.75
20
0.6
10
70
Switch
LXP1005
100
0.40
50
6.5
5
2000
Attenuator
LXP1008
50
0.30
20
1.5
10
200
Switch
LXP1010
100
0.35
50
3.0
10
1000
Attenuator
LXP1011
200
0.35
50
8.0
20
2000
Attenuator
.
TYPICAL CONFIGURATIONS
Model Number
23-0
23 – 1
23 - 2
23 - 3
23 - 4
23 - 5
LXP1000
LXP1002
LXP1004
LXP1005
LXP1008
LXP1010
LXP1011
PINOUT
23-0
23-1
23-2
23-3
23-4
23-5
Notes
1.
Capacitance (CT) is measured at f = 1 MHz
2.
Series Resistance (RS) is measured at f = 100 MHz
3.
Carrier Lifetime (TL) is measured at IF = 10 mA, IR = 6 mA


Similar Part No. - LXP1000-23-0

ManufacturerPart #DatasheetDescription
logo
Level One
LXP600A LVL1-LXP600A Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
LXP602 LVL1-LXP602 Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
LXP604 LVL1-LXP604 Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
   Low-Jitter Multi-Rate Clock Adapter(CLAD)
LXP710 LVL1-LXP710 Datasheet
174Kb / 2P
   HDSL Framer/Mapper for 1168 kbps Applications
More results

Similar Description - LXP1000-23-0

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com