Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0495A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0495A
Description  SAW Filter 915MHz SMD 3.0횞3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0495A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0495A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0495A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. Frequency Characteristics :
Transfer Function


Similar Part No. - TA0495A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0495A GOLLEDGE-TA0495A Datasheet
179Kb / 6P
   915.0MHz SAW Filter
More results

Similar Description - TA0495A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
TA0296A TAI-SAW-TA0296A Datasheet
627Kb / 6P
   SAW Filter 869MHz SMD 3.0횞3.0 mm
TA0299A TAI-SAW-TA0299A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 2.5횞2.0 mm
TA1170BA3117 TAI-SAW-TA1170BA3117 Datasheet
416Kb / 7P
   SAW Filter 1191.795 MHz SMD 3.0횞3.0 mm
TA1730A TAI-SAW-TA1730A Datasheet
154Kb / 8P
   SAW Filter 632.8125MHz 1.0MHz BW (SMD 3.0횞3.0 mm)
TA2422A TAI-SAW-TA2422A Datasheet
392Kb / 7P
   SAW Filter 589MHz SMD 3.0횞3.0 mm (BW=34MHz)
TA2427A TAI-SAW-TA2427A Datasheet
402Kb / 7P
   SAW Filter 718MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2433A TAI-SAW-TA2433A Datasheet
396Kb / 7P
   SAW Filter 942.5MHz SMD 3.0횞3.0 mm (BW=35MHz)
TA2429A TAI-SAW-TA2429A Datasheet
402Kb / 7P
   SAW Filter 790MHz SMD 3.0횞3.0 mm (BW=40MHz)
TA2686A TAI-SAW-TA2686A Datasheet
442Kb / 6P
   SAW Filter 790MHz SMD 3.0횞3.0 mm (BW=40MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com