Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8966FVM Datasheet(PDF) 10 Page - Rohm

Part # BD8966FVM
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8966FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD8966FVM Datasheet HTML 6Page - Rohm BD8966FVM Datasheet HTML 7Page - Rohm BD8966FVM Datasheet HTML 8Page - Rohm BD8966FVM Datasheet HTML 9Page - Rohm BD8966FVM Datasheet HTML 10Page - Rohm BD8966FVM Datasheet HTML 11Page - Rohm BD8966FVM Datasheet HTML 12Page - Rohm BD8966FVM Datasheet HTML 13Page - Rohm BD8966FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BD8966FVM
Technical Note
10/14
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
2. Selection of output capacitor (CO)
As the output rise time must be designed to fall within the soft-start time, the capacitance of output capacitor should be
determined with consideration on the requirements of equation (5):
In case of BD8966FVM, for instance, and if VOUT=1.5V, IOUT=0.8A, and TSS=1ms,
Inappropriate capacitance may cause problem in startup. A 10 μF to 100 μF ceramic capacitor is recommended.
3. Selection of input capacitor (Cin)
A low ESR 10μF/10V ceramic capacitor is recommended to reduce ESR dissipation of input capacitor for better efficiency.
Input capacitor to select must be a low ESR capacitor of the capacitance
sufficient to cope with high ripple current to prevent high transient voltage. The
ripple current IRMS is given by the equation (5):
IRMS=IOUT×
VOUT(VCC-VOUT)
VCC
[A]・・・(5)
When Vcc is twice the VOUT, IRMS=
IOUT
2
< Worst case > IRMS(max.)
Fig.27 Input capacitor
VCC
L
Co
VOUT
Cin
If VCC=5.0V, VOUT=1.5V, and IOUTmax.=0.8A
Output capacitor should be selected with the consideration on the stability region
and the equivalent series resistance required to smooth ripple voltage.
Output ripple voltage is determined by the equation (4):
ΔVOUT=ΔIL×ESR [V]・・・(4)
(ΔIL: Output ripple current, ESR: Equivalent series resistance of output capacitor)
*Rating of the capacitor should be determined allowing sufficient margin against
output voltage. Less ESR allows reduction in output ripple voltage.
Fig.26 Output capacitor
Co≦
TSS×(Ilimit-IOUT)
VOUT
・・・
(5)
Tss: Soft-start time
Ilimit: Over current detection level, 2A(Typ)
VCC
L
Co
VOUT
ESR
Co≦
1m×(2-0.8)
1.5
800[μF]
IRMS=0.8×
5(5-1.5)
5
=0.67[ARMS]


Similar Part No. - BD8966FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8966FVM ROHM-BD8966FVM Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
876Kb / 19P
   4.0V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8966FVM ROHM-BD8966FVM Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD8966FVM--TR ROHM-BD8966FVM--TR Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM-TR ROHM-BD8966FVM-TR Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8966FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com