Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8966FVM Datasheet(PDF) 6 Page - Rohm

Part # BD8966FVM
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8966FVM Datasheet(HTML) 6 Page - Rohm

Back Button BD8966FVM Datasheet HTML 2Page - Rohm BD8966FVM Datasheet HTML 3Page - Rohm BD8966FVM Datasheet HTML 4Page - Rohm BD8966FVM Datasheet HTML 5Page - Rohm BD8966FVM Datasheet HTML 6Page - Rohm BD8966FVM Datasheet HTML 7Page - Rohm BD8966FVM Datasheet HTML 8Page - Rohm BD8966FVM Datasheet HTML 9Page - Rohm BD8966FVM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BD8966FVM
Technical Note
6/14
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operation
BD8966FVM is a synchronous rectifying step-down switching regulator that achieves faster transient response by employing
current mode PWM control system.
Synchronous rectifier
It does not require the power to be dissipated by a rectifier externally connected to a conventional DC/DC converter IC,
and its P.N junction shoot-through protection circuit limits the shoot-through current during operation, by which the power
dissipation of the set is reduced.
Current mode PWM control
Synthesizes a PWM control signal with a inductor current feedback loop added to the voltage feedback.
PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1 MHz. SET signal form OSC turns ON a P-channel MOS FET (while a
N-channel MOS FET is turned OFF), and an inductor current IL increases. The current comparator (Current Comp)
receives two signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback
control signal (FB), and issues a RESET signal if both input signals are identical to each other, and turns OFF the
P-channel MOS FET (while a N-channel MOS FET is turned ON) for the rest of the fixed period. The PWM control
repeat this operation.
Fig.20 Diagram of current mode PWM control
OSC
Level
Shift
Driver
Logic
RQ
S
IL
SW
ITH
Current
Comp
Gm Amp.
SET
RESET
FB
Load
SENSE
VOUT
VOUT
Fig.21 PWM switching timing chart
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
IL(AVE)
VOUT(AVE)
SENSE
FB
IL


Similar Part No. - BD8966FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8966FVM ROHM-BD8966FVM Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
876Kb / 19P
   4.0V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8966FVM ROHM-BD8966FVM Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD8966FVM--TR ROHM-BD8966FVM--TR Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM-TR ROHM-BD8966FVM-TR Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8966FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com