Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMV2154-GM1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GMV2154-GM1
Description  Surface Mount Varactor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GMV2154-GM1 Datasheet(HTML) 1 Page - Microsemi Corporation

  GMV2154-GM1 Datasheet HTML 1Page - Microsemi Corporation GMV2154-GM1 Datasheet HTML 2Page - Microsemi Corporation GMV2154-GM1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GMV1000 / GMV2100 / GMV5000
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-02-09
RoHS Compliant
GigaMite
Surface Mount Varactor Diodes
DESCRIPTION
This series of surface mount diodes are specifically design for high
volume surface mount applications. The GigaMite design is
optimized for improved electrical and thermal performance over
standard plastic package technology. Our patented dual orthogonal
lead frame provides both exceptionally low thermal impedance and
series inductance. Microsemi utilizes only the highest quality
dielectric materials resulting in low loss tangent and physical
stability even in harsh environments. The result is higher frequency
coverage and greater stability than comparable plastic packages.
This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS
Microsemi Lowell offers a variety of Varactor diodes in the GigaMite
package style. Their low internal series inductance makes these
products well suited for VCOs and VVFs through 5 gHz. Choose
GMV1981 for low voltage battery applications. GMV5007 offers
state of the art frequency linearity. GMV2114, GMV2134, and
GMV2154 offer smooth wide ratio 20V tuning. GMV1542 offers high
Q performance for lowest phase noise and loss.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Rated VB
IR
100
nA
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
IMPORTANT: Specifications are subject to change.
For the most current data vist
: www.MICROSEMI.com
These devices are ESD sensitive and must be handled using ESD precautions
1 These devices are supplied with a
matte tin finish suitable for RoHS
compliant assembly.
APPLICATIONS/BENEFITS
Frequency Linear VCO’s
Low Phase Noise VCO’s
Wide Bandwidth VCO’s
Voltage variable Filters
Analog Phase Shifters
VCXO’s
Performance through 5 gHz
KEY FEATURES
Low Parasitics
LP = 0.5 nH Typical
CP = 0.07 pF Typical
Surface Mount design
Broadband Performance Through
5 Ghz
Available on Tape & Reel for
Automated Pick & Place Assembly
Small, SOD 323 Size Footprint
RoHS Compliant
1


Similar Part No. - GMV2154-GM1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7811-000 SKYWORKS-GMV7811-000 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7821 SKYWORKS-GMV7821 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7821-000 SKYWORKS-GMV7821-000 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV9801 SKYWORKS-GMV9801 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
More results

Similar Description - GMV2154-GM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMV1299 ETC1-SMV1299 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Microsemi Corporation
GCX1202 MICROSEMI-GCX1202 Datasheet
97Kb / 2P
   VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
KV1913A MICROSEMI-KV1913A_1 Datasheet
158Kb / 3P
   ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com