Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9006HFP Datasheet(PDF) 7 Page - Rohm

Part # BD9006HFP
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9006HFP Datasheet(HTML) 7 Page - Rohm

Back Button BD9006HFP Datasheet HTML 3Page - Rohm BD9006HFP Datasheet HTML 4Page - Rohm BD9006HFP Datasheet HTML 5Page - Rohm BD9006HFP Datasheet HTML 6Page - Rohm BD9006HFP Datasheet HTML 7Page - Rohm BD9006HFP Datasheet HTML 8Page - Rohm BD9006HFP Datasheet HTML 9Page - Rohm BD9006HFP Datasheet HTML 10Page - Rohm BD9006HFP Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD9006F, BD9006HFP, BD9007F, BD9007HFP
Technical Note
7/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagrams / Application circuit / PIN assignment
No.
Pin name
Function
No.
Pin name
Function
1
PVIN
Power system power supply input
1
VIN
Power supply input
2
SW
Output
2
SW
Output
3
FB
Error Amp output
3
FB
Error Amp output
4
INV
Output voltage feedback
4
GND
Ground
5
EN/SYNC Enable/Synchronizing pulse input
5
INV
Output voltage feedback
6
RT
Frequency setting resistor connection
6
RT
Frequency setting resistor connection
7
GND
Ground
7
EN/SYNC Enable/Synchronizing pulse input
8
VIN
Power supply input
FIN
-
Ground
*VIN and PVIN must be shorted before use
Fig.19
Fig.20
(BD9006F,BD9007F)
(BD9006HFP,BD9007HFP)
VIN
RT
GND EN/SYNC
PVIN FB
SW
INV
VIN FB INV EN/SYNC
SW GND RT
EN/SYNC
220μF
+
2μF
330μF
+
15 KΩ
47kΩ
33μH
5V
30 KΩ
22000pF
Vo
51 KΩ
VREG
-
+
-
+
0.8V
PWM
COMPARATOR
DRIVER
GND
VIN
INV
SW
FB
RT
CURRENT LIMIT
+
-
ERROR AMP
Slope
+
SYNC
OSC
SDWN
Reset
DRV
Set
SDWN
UVLO/
TSD
Internal
Bias
PVIN
SOFT
START
EN/SYNC
220μF
+
2μF
330μF
+
15 KΩ
47 KΩ
33μH
5V
Vo
51 KΩ
Vref
-
+
-
+
0.8V
PWM
COMPARATOR
DRIVER
GND
VIN
INV
SW
FB
RT
CURRENT LIMIT
+
-
ERROR AMP
Slope
SOFT
START
+
SYNC
OSC
SDWN
Reset
DRV
Set
SDWN
UVLO/
TSD
Internal
Bias
30 KΩ
22000pF


Similar Part No. - BD9006HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9006HFP ROHM-BD9006HFP Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9006HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com