Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9206EFV Datasheet(PDF) 9 Page - Rohm

Part # BD9206EFV
Description  Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9206EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD9206EFV Datasheet HTML 5Page - Rohm BD9206EFV Datasheet HTML 6Page - Rohm BD9206EFV Datasheet HTML 7Page - Rohm BD9206EFV Datasheet HTML 8Page - Rohm BD9206EFV Datasheet HTML 9Page - Rohm BD9206EFV Datasheet HTML 10Page - Rohm BD9206EFV Datasheet HTML 11Page - Rohm BD9206EFV Datasheet HTML 12Page - Rohm BD9206EFV Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Technical Note
9/12
BD9206EFV
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●The calculation of electric power consumption for IC and the deciding method of external resistance value
Electric power consumption of IC is decided with formula below.
P(N)=ICC*VCC+[(Vo-RL*ILED)-(Vf+⊿Vf+⊿VfT)*M]*N*ILED ・・・・①
ICC
IC Consumed electric
current
VCC
Input voltage
Vf
LED Vf
voltage
(normal temperature typ)
⊿Vf
LED Vf Variation
⊿VfT
LED Vf Temperature
variation
M
Stage number around
LED 1 line
N
LED line number
ILED
LED Constant current
value
Vo
Voltage OF LED anode
side
RL
external resistance
(external loss)
Please insert the heat-radiation resistor RL in order to decrease the heat radiation at the IC.
If the value of RL is made to be larger, then the heat radiation of the IC is decreased, but if the terminal voltage VLED of the
LED driver is less than 0.6V, then the constant current operation becomes impossible, therefore please set the RL in such a way
that the following expression is met:
VLED=Vo-(Vf+⊿Vf+⊿VfT)*M-RL*ILED>0.6V
Please set the ILED and RL in such a way that the relational expressions ① & ② are met.
Moreover, the permissible loss of the package is as shown in the following graph.
VF
Vo
*M
*N
ILED
RL
HT SS OP- B2 0 Pd
1. 0 0
2. 3 0
3. 20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2 5
5 0
75
10 0
12 5
1 50
周囲温度Ta(℃)
①:1層基板    
(表層放熱銅箔:
0mm2
②:2層基板    
(表裏層放熱銅箔:
4900mm2)
③:4層基板    
(全層放熱銅箔:
4900mm2
Fig..9
Fig..10
①1layer baseplate
Heat dissipation
copper foil on surface
Omm2)
Temperature around Ta
(℃)
②2layer base―plate
Heat dissipation
copper foil on Inside
and outside layer
4900mm2)
③4layer base―plate
Heat dissipation
copper foil on whole
layer
:4900mm2)


Similar Part No. - BD9206EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results

Similar Description - BD9206EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
BD1754HFN ROHM-BD1754HFN Datasheet
331Kb / 12P
   Constant Current Backlight Driver for LCD Panels (Non-step-up Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
Rohm
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com