Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIV41011-21 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MIV41011-21
Description  MIV41001 ISIS Frequency Multiplier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MIV41011-21 Datasheet(HTML) 1 Page - Microsemi Corporation

  MIV41011-21 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MIV41001 – MIV41013
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs MULTIPLIER DIODES
ISIS Frequency Multiplier
TM
®
Copyright
 2008
Rev: 2009-01-19
Features
High Output Powers — Over 5 W at 35 GHz
High Efficiency
2 and 3 Stack Options
High Cut-Off Frequency
Low Thermal Resistance
Applications
Frequency Multipliers to Beyond 110 GHz
High-Power mmW Transceivers
mmW Phase Arrays
Drivers for mm Power Amplifiers
ohmic metal
P+ Layer
N Layer
N+ Layer
P+ Layer
N Layer
N+ Layer
Substrate
ohmic metal
ISIS Diode Schematic (2 Stack)
Description
Microsemi’s ISIS frequency multiplier varactors are
fabricated by epitaxially stacking the P-N junctions in
GaAs to obtain high power at millimeter wave
frequencies. The MIV series of ISIS multiplier diodes
has been designed to have the high cut-off frequency to
produce very low conversion loss when used in
appropriately designed circuits. MSC offers 2 and 3
stacked devices to produce high CW power from 40–
110 GHz. CW power up to 3 W at 44 GHz
(conversion loss <3 dB) and 1 W in W band
(conversion loss <9 dB) are realizable with single
devices. ISIS diodes are offered in the low parasitic
(<10 fF), low thermal resistance M29 package and in
other packages.
Specifications @ 25°C
2 Stack ISIS Diodes —
Breakdown Voltage: 55 V Min.
3 Stack ISIS Diodes —
Breakdown Voltage: 75 V Min.
Part
Number
Junction
Capacitance
@ Zero Bias
(pF)
Min.
6 V Cut-Off
Frequency
(GHz)
Typ.
Package
Capacitance
(pF)
MIV41011-21
0.1–0.3
1000
0.15
MIV41012-21
0.3–0.5
700
0.15
MIV41013-21
0.5–1.0
600
0.15
MIV41011-29
0.1–0.3
1000
0.10
MIV41012-29
0.3–0.5
700
0.10
MIV41013-29
0.5–1.0
600
0.10
Part
Number
Junction
Capacitance
@ Zero Bias
(pF)
Min.
6 V Cut-Off
Frequency
(GHz)
Typ.
Package
Capacitance
(pF)
MIV41001-21
0.1–0.3
1000
0.15
MIV41002-21
0.3–0.5
700
0.15
MIV41003-21
0.5–1.0
600
0.15
MIV41001-29
0.1–0.3
1000
0.10
MIV41002-29
0.3–0.5
700
0.10
MIV41003-29
0.5–1.0
600
0.10
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
These products are supplied with a RoHS
complaint Gold finish
.
Other package styles are available on request.


Similar Part No. - MIV41011-21

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
   5X7 Ceramic SMD Oscillator
More results

Similar Description - MIV41011-21

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
   Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
   Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
   Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
   Frequency Multiplier
MK-2 MINI-MK-2 Datasheet
172Kb / 1P
   Frequency Multiplier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com