Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0593A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0593A
Description  SAW Filter 428.835MHz SMD 3.8횞3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0593A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0593A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0593A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 428.835 MHz
MODEL NO.: TA0593A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: +15
°C to +35°C
4.Storage Temperature: -40
°C to +85°C
B. CHARACTERISTICS:
Item
Min.
Typical
Max.
Center frequency
Fc
MH
-
428.835
-
Insertion loss
426.335 ~ 431.335 MHz IL
dB
-
2.2
3.6
Amplitude ripple 426.335 ~ 431.335 MHz
dB
-
0.7
2.1
VSWR
426.335 ~ 431.335 MHz
dB
-
1.4
2.1
Attenuation (Reference level from 0 dB)
1 ~ 379.0
MHz
dB
40
50
-
379.0 ~ 394.0
MHz
dB
31
50
-
394.0 ~ 417.0
MHz
dB
10
35
-
455.9 ~ 469.0
MHz
dB
37
50
-
469.0 ~ 550.0
MHz
dB
40
50
-
Temperature coefficient of frequency
ppm/k
-
-36
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note1. No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
26
1,3,4,5,7,8
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0593A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0593A GOLLEDGE-TA0593A Datasheet
74Kb / 6P
   SAW Filter 428.835MHz
More results

Similar Description - TA0593A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0538A TAI-SAW-TA0538A Datasheet
522Kb / 5P
   SAW Filter 868.6MHz SMD 3.8횞3.8mm
TA0706A TAI-SAW-TA0706A Datasheet
372Kb / 6P
   SAW Filter 426MHz SMD 3.8횞3.8mm
TA0736A TAI-SAW-TA0736A Datasheet
607Kb / 6P
   SAW Filter 800MHz SMD 3.8횞3.8mm
TA0594A TAI-SAW-TA0594A Datasheet
317Kb / 7P
   SAW Filter 441.265MHz SMD 3.8횞3.8mm
logo
Golledge Electronics Lt...
MA08362 GOLLEDGE-MA08362 Datasheet
74Kb / 6P
   SAW Filter 428.835MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0655A TAI-SAW-TA0655A Datasheet
366Kb / 6P
   SAW Filter 430MHz SMD 3.8횞3.8mm
TA0708A TAI-SAW-TA0708A Datasheet
372Kb / 6P
   SAW Filter 433.5MHz SMD 3.8횞3.8mm
TA0692A TAI-SAW-TA0692A Datasheet
346Kb / 6P
   SAW Filter 433MHz SMD 3.8횞3.8mm
TA0450A TAI-SAW-TA0450A Datasheet
1Mb / 6P
   SAW Filter 802MHz SMD 3.8횞3.8mm
TA0615A TAI-SAW-TA0615A Datasheet
372Kb / 6P
   SAW Filter 311.06MHz SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com