Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9756AMWV Datasheet(PDF) 3 Page - Rohm

Part # BD9756AMWV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9756AMWV Datasheet(HTML) 3 Page - Rohm

  BD9756AMWV Datasheet HTML 1Page - Rohm BD9756AMWV Datasheet HTML 2Page - Rohm BD9756AMWV Datasheet HTML 3Page - Rohm BD9756AMWV Datasheet HTML 4Page - Rohm BD9756AMWV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. B
○Pin Assignment ・Block Diagram
○Pin Description
○Package
Pin Name
Description
VBAT
Input for battery voltage
VIN
Returning voltage
from output terminal
CPOUT
Output terminal
for Charge Pump
GND
Ground terminal
C+H
Terminal for connecting flying
capacitor for Charge Pump(H side)
C+L
Terminal for connecting flying
capacitor for Charge Pump(L side)
PGND13,2,4,567
Ground terminal for internal FET
VREGA
VREGA output
VREF
CH5 base bias voltage
PVCC5
CH5 PMOS VCC input for driver
Pin Name
Description
OUT5
Terminal for connecting gate of
CH5 PMOS
Hx1,3,4
Input terminal for synchronous
High side switch, Power supply
for Pch Driver
Lx1,3,4,6,7
Terminal for connecting inductors
Hx2
Power supply for channel 2
Lx21
Terminal for connecting inductor
for CH2 input
Lx22
Terminal for connecting inductor
for CH2 output
VOUT2
CH2 output voltage
HS67H
Power supply
for internal load switch
HS6L,HS7L
Output terminal
for internal load switch
INV1,2,3,4,6,7
Error AMP inverted input
NON5
Error AMP non-inverted input
Pin Name
Description
INV7I
Error AMP inverted input
RT
For connecting a resistor
to set the OSC frequency
SCP
For connecting a capacitor
to set up the delay time of the SCP
UDSEL4
Step-up/down switching mode
selection(H: step-down, L:step-up)
STB124,3,56
ON/OFF switch
H: operating over 1.5V
PWM7
ON/OFF switch
Duty input
for PWM brightness control
Fig. 2
Fig. 1
PWM &
LOGIC BLOCK
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
1
2
3456
78
9
10
11
33
32
31
30
29
28
27
26
25
24
23
50k
PRE
DRIVER
PRE
DRIVER
PRE
DRIVER
PRE DRIVER
PRE DRIVER
B.G.CTL
+
-
REF
0V
+
-
REF
1.0V
+
-
REF
1.0V
+
-
+
-
REF
0.8V
+
-
REF
0.8V
+
-
REF
0.8V
+
-
REF
0.8V
SCP
OSC
CHARGE PUMP
1.0V
VREF
2.5V
REG
TSD
DAC
UVLO
NON5
INV6
INV7
INV7I
PWM7
HS6L
HS67H
HS7L
Lx7
PGND567
Lx6
INV2
INV4
PGND4
Lx4
Hx4
Hx2
Lx21
PGND2
Lx22
VOUT2
INV3
OCP
OCP
OCP
B D 9 7 5 6 M W
LOT No.
A


Similar Part No. - BD9756AMWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9757MWV ROHM-BD9757MWV Datasheet
274Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9757MWV ROHM-BD9757MWV Datasheet
786Kb / 24P
   Switching Regulator IC
BD9757MWV-E2 ROHM-BD9757MWV-E2 Datasheet
786Kb / 24P
   Switching Regulator IC
BD9757MWV ROHM-BD9757MWV_10 Datasheet
786Kb / 24P
   Switching Regulator IC
BD9759MWV ROHM-BD9759MWV Datasheet
245Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9756AMWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com