Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0626A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0626A
Description  SAW Filter 881.5MHz SMD 3.0횞3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0626A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0626A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0626A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 881.5 MHz
MODEL NO.: TA0626A
V2.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -25
°C to 75°C
4.Storage Temperature: -40
°C to +85° C
B. CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
881.5
-
Insertion loss
(866.5~896.5 MHz) IL
dB
-
3.0
4.0
Amplitude ripple (866.5~896.5 MHz)
dB
0.8
2.0
VSWR
(866.5~896.5 MHz)
1.5
2.2
Rejection (referent to 0dB)
D.C ~ 696
MHz
dB
50
58
-
956 ~ 980
MHz
dB
38
46
-
980 ~ 1500
MHz
dB
50
57
-
1500 ~ 2000
MHz
dB
30
45
-
Note1. No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
50
HP Network analyzer
50
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0626A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0626A GOLLEDGE-TA0626A Datasheet
76Kb / 6P
   SAW Filter 881.5MHz
More results

Similar Description - TA0626A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
   SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
   SAW Filter 860.5MHz SMD 3.0횞3.0mm
TA0416A TAI-SAW-TA0416A Datasheet
314Kb / 5P
   SAW Filter 864MHz SMD 3.0횞3.0mm
TA0675A TAI-SAW-TA0675A Datasheet
494Kb / 6P
   SAW Filter 1176.45MHz SMD 3.0횞3.0mm
TA0547A TAI-SAW-TA0547A Datasheet
1,012Kb / 7P
   SAW Filter 867.5MHz SMD 3.0횞3.0mm
TA0478A TAI-SAW-TA0478A Datasheet
647Kb / 6P
   SAW Filter 810MHz SMD 3.0횞3.0mm
TA0536A TAI-SAW-TA0536A Datasheet
529Kb / 5P
   SAW Filter 1300MHz SMD 3.0횞3.0mm
TA0331A TAI-SAW-TA0331A Datasheet
988Kb / 6P
   SAW Filter 866MHz SMD 3.0횞3.0mm
TA0375A TAI-SAW-TA0375A Datasheet
273Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com