Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9898FV Datasheet(PDF) 3 Page - Rohm

Part # BD9898FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9898FV Datasheet(HTML) 3 Page - Rohm

  BD9898FV Datasheet HTML 1Page - Rohm BD9898FV Datasheet HTML 2Page - Rohm BD9898FV Datasheet HTML 3Page - Rohm BD9898FV Datasheet HTML 4Page - Rohm BD9898FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. B
〇Package Dimensions
〇Pin Description
〇Block Diagram
Lot No.
BD9898FV
BD9898F
SOP28 (Unit:mm)
SSOP-B28 (Unit:mm)
Device Mark
PIN No.
PIN NAME
FUNCTION
1PGND
Ground for FET drivers
2LN2
NMOS FET driver
3HN2
NMOS FET driver
4SW2
Lower rail voltage for HN2 output
5BST2
Boot-Strap input for HN2 output
6
CT_SYNC_IN
CT synchronous signal input pin
7
CT_SYNC_OUT
CT synchronous signal output pin
8SRT
External resistor from SRT toRT for
adjusting the start-up triangle oscillator
9RT
External resistor from RT toGND for
adjusting the triangle oscillator
10
GND
GROUND
11
BCT
External capacitor from BCT toGND for
adjusting the BURST triangle oscillator
12
BRT
External resistor from BRT toGND for
adjusting the BURST triangle oscillator
13
DUTY
Control PWM mode and BURST mode
14
STB
Stand-by switch
15
CP
External capacitor from CP toGND for
Timer Latch
16
VREF
Reference voltage input pin for Error
amplifier
17
VS
Error amplifier input
18
IS
Error amplifier input
19
FB
Error amplifier output
20
SS
External capacitor from SS toGND for
Soft Start Control
21
COMP
Over voltage detect pin
22
VCC
Supply voltage input
23
UVLO
External Under Voltage Lock Out
24
REG
Internal regulator output
25
BST1
Boot-Strap input for HN1 output
26
SW1
Lower rail voltage for HN1 output
27
HN1
NMOS FET driver
28
LN1
NMOS FET driver


Similar Part No. - BD9898FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9890F ROHM-BD9890F Datasheet
390Kb / 6P
   DC-AC Inverter Control IC
BD9890F ROHM-BD9890F Datasheet
178Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9890F ROHM-BD9890F Datasheet
388Kb / 6P
   DC-AC Inverter Control IC
BD9890FV ROHM-BD9890FV Datasheet
388Kb / 6P
   DC-AC Inverter Control IC
BD9890FV ROHM-BD9890FV Datasheet
178Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9898FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com