Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0690A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0690A
Description  SAW Filter 1030MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0690A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0690A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0690A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
: Date Code (Follow the table from planner each year)
E. PCB Footprint:
#B: Input
#E: Output
#A,C,D,F : Ground
#Unit : mm


Similar Part No. - TA0690A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0690A GOLLEDGE-TA0690A Datasheet
140Kb / 6P
   SAW Filter 1030.0MHz
More results

Similar Description - TA0690A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0690B TAI-SAW-TA0690B Datasheet
211Kb / 7P
   SAW Filter 1030MHz
logo
Golledge Electronics Lt...
MA04281 GOLLEDGE-MA04281 Datasheet
84Kb / 6P
   1030MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2002A TAI-SAW-TA2002A Datasheet
748Kb / 8P
   SAW Filter 1030MHz
TA1980A TAI-SAW-TA1980A Datasheet
749Kb / 7P
   SAW Filter 1030MHz
TA0177A TAI-SAW-TA0177A Datasheet
328Kb / 7P
   SAW Filter 1030MHz SMD 3.8횞3.8 mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com