Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0748A Datasheet(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0748A
Description  SAW Filter 947.5 MHz SMD 3.0X3.0mm for GSM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0748A Datasheet(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0748A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0748A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
I. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TA0748A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0748A GOLLEDGE-TA0748A Datasheet
199Kb / 7P
   SAW Filter 947.5MHz
More results

Similar Description - TA0748A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TA947FG TAI-SAW-TA947FG Datasheet
383Kb / 7P
   SAW Filter 947.5 MHz SMD 3.0 SQ for GSM
TA947GG TAI-SAW-TA947GG Datasheet
150Kb / 8P
   SAW Filter 947.5 MHz 25 MHz Bw For GSM
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
   SAW Filter 947.5 MHz
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com