Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV20001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MV20001
Description  GaAs Varactor Diodes Abrupt Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV20001 Datasheet(HTML) 2 Page - Microsemi Corporation

  MV20001 Datasheet HTML 1Page - Microsemi Corporation MV20001 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MV20001 – MV21010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs Varactor Diodes
Abrupt Junction
TM
®
Copyright
 2008
Rev: 2009-05-11
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT @ 0 V
CT @ VBR5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV20001
0.3
2.4
15
8000
MV20002
0.4
2.6
15
7500
MV20003
0.5
2.8
15
7000
MV20004
0.6
2.9
15
6500
MV20005
0.8
3.0
15
6000
MV20006
1.0
3.1
15
5700
MV20007
1.2
3.2
15
5000
MV20008
1.5
3.3
15
5000
MV20009
1.8
3.4
15
5000
MV20010
2.2
3.4
15
4000
MV21001
0.3
2.8
30
8000
MV21002
0.4
3.1
30
7500
MV21003
0.5
3.4
30
7000
MV21004
0.6
3.6
30
6500
MV21005
0.8
3.8
30
6000
MV21006
1.0
4.0
30
5700
MV21007
1.2
4.2
30
5000
MV21008
1.5
4.3
30
5000
MV21009
1.8
4.5
30
5000
MV21010
2.2
4.6
30
4000
Specifications @ 25°C
Gamma = 0.5
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance of 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Typical Characteristics


Similar Part No. - MV20001

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MV2000 ZARLINK-MV2000 Datasheet
422Kb / 5P
   REMOTE KEYBOARD TRANSMITTER
logo
Advanced Energy Industr...
MV2000 ADVANCEDENERGY-MV2000 Datasheet
309Kb / 6P
   MEDIUM-VOLTAGE HIGH CURRENT POWER SUPPLIES
More results

Similar Description - MV20001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
logo
Knox Semiconductor, Inc
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
Advanced Semiconductor
AT6022B-15 ASI-AT6022B-15 Datasheet
21Kb / 1P
   SILICON ABRUPT JUNCTION VARACTOR
logo
Skyworks Solutions Inc.
SMV1470-004 SKYWORKS-SMV1470-004 Datasheet
153Kb / 4P
   Abrupt Junction Tuning Varactor
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
Advanced Semiconductor
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com