Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0786A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0786A
Description  SAW Filter 1220MHz SMD 3.0횞3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0786A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0786A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0786A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1220 MHz
MODEL NO.: TA0786A
REV. No.:1
A. MAXIMUM RATING:
1.Operating Temperature: -40°C to +85°C
2.Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Balanced to balanced operation
Terminating source impedance:
ZS=200Ω
Terminating load impedance:
ZL=200Ω
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
1220
-
-
Insertion loss 1215~1225 MHz I.L.
dB
-
3.4
5.3
-
Low 1.5 dB Bandedge
MHz
-
1209.7
1215
Upper 1.5 dB Bandedge
MHz
1225
1229.3
-
Ripple
1215~1225MHz
dB
-
0.6
1.5
-
Attenuation:( Reference level from 0 dB)
1)
500..Fc-91MHz
dB
50
57
-
-
2)Fc-91…Fc-85 MHz
dB
50
57
-
-
3)Fc-76…Fc-68 MHz
dB
46
57
-
-
5)
Fc-88 MHz
dB
50
57
-
-
6)
Fc-72 MHz
dB
48
57
-
-
7)
Fc-44 MHz
dB
50
56
-
-
8)
Fc-36 MHz
dB
46
55
-
-
9)Fc+70…2000 MHz
dB
50
55
-
-
Group delay ripple(p-p) ( 1215~1225MHz) nS
-
9
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0786A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0786A GOLLEDGE-TA0786A Datasheet
121Kb / 6P
   SAW Filter 1220MHz
More results

Similar Description - TA0786A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0304A TAI-SAW-TA0304A Datasheet
265Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0mm
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
logo
Golledge Electronics Lt...
MA05463 GOLLEDGE-MA05463 Datasheet
59Kb / 4P
   SAW Filter 1220MHz
MA05464 GOLLEDGE-MA05464 Datasheet
97Kb / 4P
   SAW Filter 1220MHz
MA05465 GOLLEDGE-MA05465 Datasheet
117Kb / 4P
   SAW Filter 1220MHz
MP02309 GOLLEDGE-MP02309 Datasheet
121Kb / 6P
   SAW Filter 1220MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
   SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
   SAW Filter 860.5MHz SMD 3.0횞3.0mm
TA0416A TAI-SAW-TA0416A Datasheet
314Kb / 5P
   SAW Filter 864MHz SMD 3.0횞3.0mm
TA0675A TAI-SAW-TA0675A Datasheet
494Kb / 6P
   SAW Filter 1176.45MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com