Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63877EFV Datasheet(PDF) 3 Page - Rohm

Part # BD63877EFV
Description  Silicon monolithic integrated circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63877EFV Datasheet(HTML) 3 Page - Rohm

  BD63877EFV Datasheet HTML 1Page - Rohm BD63877EFV Datasheet HTML 2Page - Rohm BD63877EFV Datasheet HTML 3Page - Rohm BD63877EFV Datasheet HTML 4Page - Rohm BD63877EFV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
Rev. A
○Package outline
○Block diagram
○Pin No. / Pin name
Pin No.
Pin name
Pin No.
Pin name
1
GND
15
CLK
2
OUT1B
16
CW_CCW
3
RNF1
17
TEST
4
RNF1S
18
MODE0
5
OUT1A
19
MODE1
6
NC
20
ENABLE
7
VCC1
21
NC
8
NC
22
VCC2
9
GND
23
NC
10
CR
24
OUT2A
11
NC
25
RNF2S
12
MTH
26
RNF2
13
VREF
27
OUT2B
14
PS
28
NC
NC : Non Connection
Lot No.
Product No.
HTSSOP-B28 (Unit:mm)
BD63877EFV
7 VCC1
Blank time
PWM control
Translator
2bit DAC
TSD
UVLO
Regulator
RESET
9
GND
10
CR
12
MTH
14
PS
15
CLK
18
MODE0
19
MODE1
16
CW_CCW
20
ENABLE
VREF 13
2
OUT1B
5
OUT1A
3
RNF1
22
VCC2
24
OUT2A
1
GND
27
OUT2B
26
RNF2
17
TEST
Mix decay
control
OCP
OSC
RNF1S 4
RNF2S 25
OVLO


Similar Part No. - BD63877EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63877EFV-E2 ROHM-BD63877EFV-E2 Datasheet
405Kb / 11P
   High Performance, High Reliability 36V Series Stepping Motor Drivers
More results

Similar Description - BD63877EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6389FM ROHM-BD6389FM_11 Datasheet
188Kb / 5P
   Silicon monolithic integrated circuits
BD6395FP ROHM-BD6395FP_11 Datasheet
979Kb / 5P
   Silicon monolithic integrated circuits
BD5431EFS ROHM-BD5431EFS_11 Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
BA6868FM ROHM-BA6868FM_11 Datasheet
143Kb / 5P
   Silicon monolithic integrated circuits
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
BD6423EFV ROHM-BD6423EFV_11 Datasheet
603Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BH6452GUL ROHM-BH6452GUL Datasheet
335Kb / 5P
   Silicon monolithic integrated circuits
BH6453GUL ROHM-BH6453GUL Datasheet
243Kb / 5P
   Silicon monolithic integrated circuits
BH6456GUL ROHM-BH6456GUL Datasheet
394Kb / 5P
   Silicon monolithic integrated circuits
BD63873EFV ROHM-BD63873EFV Datasheet
132Kb / 5P
   Silicon monolithic integrated circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com