Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5670 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC5670
Description  14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5670 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5670 Datasheet HTML 1Page - Texas Instruments DAC5670 Datasheet HTML 2Page - Texas Instruments DAC5670 Datasheet HTML 3Page - Texas Instruments DAC5670 Datasheet HTML 4Page - Texas Instruments DAC5670 Datasheet HTML 5Page - Texas Instruments DAC5670 Datasheet HTML 6Page - Texas Instruments DAC5670 Datasheet HTML 7Page - Texas Instruments DAC5670 Datasheet HTML 8Page - Texas Instruments DAC5670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DAC5670
www.ti.com
SGLS394 – MARCH 2010
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC5670
1
FEATURES
Differential Scalable Current Outputs:
5 mA to 30 mA
2
14-Bit Resolution
On-Chip 1.2-V Reference
2.4-GSPS Maximum Update Rate Digital to
Analog Converter
3.3-V Analog Supply Operation
Dual Differential Input Ports
Power Dissipation: 2 W
Even/Odd Demultiplexed Data
252-Ball GDJ Package
Maximum 1.2 GSPS Each Port, 2.4 GSPS
APPLICATIONS
Total
Cable Modem Termination System Direct
Dual 14-Bit Inputs + 1 Reference Bit
Synthesis
DDR Output Clock
Cellular Base Transceiver Station Transmit
DLL Optimized Clock Timing Synchronized
Channels
to Reference Bit
CDMA: W-CDMA, CDMA2000, TD-SCDMA
LVDS and HyperTransport™ Voltage Level
800 to 900-MHz Direct Synthesis
Compatible
Point-to-Point Microwave
Internal 100-
Ω Terminations for Data and
Radar
Reference Bit Inputs
Satellite Communications
Selectable 2 Times Interpolation With Fs/2
Mixing
DESCRIPTION
The DAC5670 is a 14-bit 2.4-GSPS digital-to-analog converter (DAC) with dual demultiplexed differential input
ports. The DAC5670 is clocked at the DAC sample rate and the two input ports run at a maximum of 1.2 GSPS.
An additional reference bit input sequence is used to adjust the output clock delay to the data source, optimizing
the internal data latching clock relative to this reference bit with a delay lock loop (DLL).
The DAC5670 also can accept data up to 1.2 GSPS on one input port the same clock configuration. In the single
port mode, repeating the input sample (A_ONLY mode), 2 times interpolation by zero stuff (A_ONLY_ZS mode),
or 2 times interpolation by repeating and inverting the input sample (A_ONLY_INV) are used to double the input
sample rate up to 2.4 GSPS.
The DAC5670 operates with a single 3-V to 3.6-V supply voltage. Power dissipation is 2 W at maximum
operating conditions. The DAC5670 provides a nominal full-scale differential current-output of 20 mA, supporting
both single-ended and differential applications. An on-chip 1.2-V temperature-compensated bandgap reference
and control amplifier allows the user to adjust the full-scale output current from the nominal 20 mA to as low as 5
mA or as high as 30 mA. The output current can be directly fed to the load with no additional external output
buffer required. The device has been specifically designed for a differential transformer coupled output with a
50-
Ω doubly-terminated load.
The DAC5670 is available in a 252-ball GDKJ package. The device is characterized for operation over the
temperature range –40°C to 85°C .
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670MGEM/EM TI-DAC5670MGEM/EM Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com