Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5670I Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC5670I
Description  14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5670I Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5670I Datasheet HTML 5Page - Texas Instruments DAC5670I Datasheet HTML 6Page - Texas Instruments DAC5670I Datasheet HTML 7Page - Texas Instruments DAC5670I Datasheet HTML 8Page - Texas Instruments DAC5670I Datasheet HTML 9Page - Texas Instruments DAC5670I Datasheet HTML 10Page - Texas Instruments DAC5670I Datasheet HTML 11Page - Texas Instruments DAC5670I Datasheet HTML 12Page - Texas Instruments DAC5670I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DAC5670
www.ti.com
SGLS394 – MARCH 2010
Digital Electrical Characteristics
TC,MIN = –40°C to TC,MAX = 85°C, typical values at 25°C, AVDD = 3 V to 3.6 V, IoutFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CMOS Interface (SLEEP, RESTART, INV_CLK, NORMAL, A_ONLY, A_ONLY_INV, A_ONLY_ZS)
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
0.2
10
mA
IIL
Low-level input current
-10
-0.2
mA
Input capacitance
2.5(2)
pF
Differential Data Interface (DA_P[13:0], DA_N[13:0], DB_P[13:0], DB_N[13:0], DTCLK_P, DTCLK_N)
VITH
Differential input threshold
–100
100
mV
ZT
Internal termination impedance
80
100
125
VICOM
Input common mode
0.6
1.4
V
Ci
Input capacitance
2.6(2)
pF
Clock Inputs (DACCLK_P, DACCLK_N)
|DACCLK_P -
Clock differential input voltage
200
1000
mV
DACCLK_N|
Clock duty cycle
40
60
%
VCLKCM
Clock common mode
1.0
1.4
V
(1)
Typicals are characterization values at 25C and AVDD = 3.3V. These parameters are characterized but not production tested
(2)
Specified by design
Table 1. Thermal Information
Parameter
TEST CONDITIONS
TYPICAL
UNIT
Non-thermally enhanced JEDEC standard
RqJA
Junction-to-free-air thermal resistance
41.3
°C/W
PCB, per JESD-51, 51-3
RqJC
Junction-to-case thermal resistance
MIL-STD-883 test method 1012
3.8
°C/W
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC5670


Similar Part No. - DAC5670I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670MGEM/EM TI-DAC5670MGEM/EM Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5670I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com