Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6783 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6783
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6783 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6783 Datasheet HTML 1Page - Maxim Integrated Products MAX6783 Datasheet HTML 2Page - Maxim Integrated Products MAX6783 Datasheet HTML 3Page - Maxim Integrated Products MAX6783 Datasheet HTML 4Page - Maxim Integrated Products MAX6783 Datasheet HTML 5Page - Maxim Integrated Products MAX6783 Datasheet HTML 6Page - Maxim Integrated Products MAX6783 Datasheet HTML 7Page - Maxim Integrated Products MAX6783 Datasheet HTML 8Page - Maxim Integrated Products MAX6783 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
BATT.........................................................................-0.3V to +6V
IN1–IN4, LBH1, LBL1,
LBH2, LBL2 ..................-0.3V to Min ((VBATT + 0.3V) and +6V)
HADJ1–HADJ4, REF .......-0.3V to Min ((VBATT + 0.3V) and +6V)
LBO1–LBO4 (push-pull)..-0.3V to Min ((VBATT + 0.3V) and +6V)
LBO1–LBO4 (open drain).........................................-0.3V to +6V
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 23.8mW/°C above +70°C) ..........1905mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) ........1951mW
12-Pin Thin QFN (derate 16.7mW/°C above +70°C) ..1333mW
16-Pin Thin QFN (derate 20.8mW/°C above +70°C) ..1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ………………………………………+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.05
5.5
Operating Voltage Range
(Note 2)
VBATT
TA = -40°C to +85°C
1.2
5.5
V
VBATT = 3.7V, no load
6.3
10
µA
Supply Current
IQ
VBATT = 1.8V, no load
5.7
µA
Startup Time (Note 3)
VBATT rising from 0 to 1.6V
5
ms
MAX6782/MAX6783/MAX6784/MAX6785
0.5% hysteresis (A version)
0.5994
0.6055
0.6115
5% hysteresis (B version)
0.5723
0.5781
0.5839
IN_ Falling Threshold (Note 4)
VINF
10% hysteresis (C version)
0.5422
0.5477
0.5531
V
IN_ Rising Threshold (Note 4)
VINR
0.6024
0.6085
0.6146
V
IN_, HADJ_ Input Leakage
Current
VIN_, VHADJ_
≥ 0.3V
5nA
Reference Output
VREF
0.6024
0.6085
0.6146
V
Reference Load Regulation
IREF = 0 to 1mA
0.3
mV/mA
Reference Temperature
Coefficient
TEMPCO
15
ppm/°C
Reference Short-Circuit Current
20
mA
Hysteresis Adjustment Range
0.4
VREF
V
Hysteresis Adjustment Logic Low
VHALL
0.05
V
Hysteresis Adjustment Logic
High
VHALH
0.17
V
MAX6786/MAX6787/MAX6788
LBL_, LBH_ Threshold
VTH
0.6024
0.6085
0.6146
V
LBL_, LBH_ Input Leakage
Current
VLBL, VLBH_
≥ 0.3V
5nA


Similar Part No. - MAX6783

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6783 MAXIM-MAX6783 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6783TE MAXIM-MAX6783TE Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6783TE++ MAXIM-MAX6783TE+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6783TEA++ MAXIM-MAX6783TEA+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6783TEB++ MAXIM-MAX6783TEB+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
More results

Similar Description - MAX6783

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com