Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1793EUE-25 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1793EUE-25
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793EUE-25 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1793EUE-25 Datasheet HTML 2Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 3Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 4Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 5Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 6Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 7Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 8Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 9Page - Maxim Integrated Products MAX1793EUE-25 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low-Dropout, Low IQ, 1A Linear Regulator
6
_______________________________________________________________________________________
SHUTDOWN RESPONSE
MAX1793 toc14
40
µs/div
VOUT
2V/div
5V/div
VSHDN
IOUT = 100mA
RESET OUTPUT RESPONSE
MAX1793 toc15
1ms/div
VIN
5V/div
2V/div
2V/div
VOUT
RST
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN = +5V, V SHDN = VIN,VOUT = +3.3V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1, 8. 9, 16
N.C.
No Connection. Not internally connected.
2–5
IN
Regulator Input. Supply voltage ranges from +2.5V to +5.5V. Bypass with a 4.7µF capacitor to GND
(see the Capacitor Selection and Regulator Stability). These inputs are internally connected, but they
also must be externally connected for proper operation.
6
RST
Reset Output. Open-drain output is low when VOUT is 6% below its nominal value. RST remains low
while the output voltage (VOUT) is below the reset threshold and for at least 4ms after VOUT rises above
the reset threshold. Connect a 100k
Ω pullup resister to OUT to obtain an output voltage.
7
SHDN
Active-Low Shutdown Input. A logic-low disables the output and reduces the supply current to 0.1µA.
In shutdown, the
RST output is low and OUT is pulled low through an internal 5k
Ω resistance. Connect
SHDN to IN for normal operation.
10
GND
Ground. This pin and the exposed pad also function as a heatsink. Solder both to a large pad or to the
circuit-board ground plane to maximize power dissipation.
11
SET
Voltage-Setting Input. Connect to GND to select the factory-present output voltage. Connect SET to an
external resistor-divider for adjustable-output operation.
12–15
OUT
Regulator Output. Bypass with a 6.8µF, low-ESR capacitor to GND. Connect all OUT pins together at
the IC.


Similar Part No. - MAX1793EUE-25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-25 MAXIM-MAX1793EUE-25 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
More results

Similar Description - MAX1793EUE-25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
MAX1793EUE25 MAXIM-MAX1793EUE25 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com