Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3110EENI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3110EENI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3110EENI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3110EENI Datasheet HTML 1Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 2Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 3Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 4Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 5Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 6Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 7Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 8Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
kV
Human Body Model
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
_______________________________________________________________________________________
5
SHDN = GND (Note 3)
SHDN = VCC, no load
SHDN = GND SHDNi bit = 1 (Note 4)
CONDITIONS
pF
5
CIN2
Input Capacitance
µA
±1
ILKG1
Input Leakage Current
mV
165
VHYST2
Input Hysteresis
mA
0.18
0.4
ICCSHDN(H)
Supply Current with Hardware
Shutdown
mA
0.45
1.4
ICC
Supply Current
V
0.3VCC
VIL2
Input Low Voltage
V
0.7VCC
VIH2
Input High Voltage
pF
5
CIN1
µA
120
ICCSHDN(H+ S)
Supply Current with Hardware
and Software Shutdown
V
V
0.7VCC
VIH1
Input High Voltage
V
0.2VCC
VIL1
Input Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VX1 = 0 or 3.6V
µA
25
IIN1
Input Current
2
SHDNi bit = 0
SHDNi bit = 1
ELECTRICAL CHARACTERISTICS—MAX3111E
(VCC = +3.0V to +3.6V, VA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +3.3V, TA = +25°C.) (Note 2)
TA = +25°C, VCC = 3.3V
VCC = 3.3V
mV
500
VHYST4
Input Hysteresis
V
0.6
VIL4
Input Low Voltage
V
2.4
VIH4
Input High Voltage
µA
±0.01
±1
IIN3
Input Leakage Current
mV
500
VHYST3
Transmitter Input Hysteresis
V
0.8
VIL3
Input Low Voltage
V
2.0
VIH3
Input High Voltage
TA = +25°C
k
Ω
35
7
RIN
Input Resistance
TA = +25°C, VCC = 3.3V
V
-25
+25
Input Voltage Range
±15
ESD Protection
IEC 1000-4-2 Air Discharge
±15
IEC 1000-4-2 Contact Discharge
±8
Input Capacitance
DC CHARACTERISTICS (VCC = 3.3V, TA = +25°C)
UART OSCILLATOR INPUT (X1)
UART LOGIC INPUTS (DIN, SCLK, CS, RX))
RS-232 LOGIC INPUTS (T_IN, SHDN)
RS-232 RECEIVER INPUTS (R_IN)
RS-232 ESD PROTECTION (R_IN, T_OUT)


Similar Part No. - MAX3110EENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110EENI MAXIM-MAX3110EENI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
More results

Similar Description - MAX3110EENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com