Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3110EENI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3110EENI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3110EENI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3110EENI Datasheet HTML 2Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 3Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 4Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 5Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 6Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 7Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 8Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 9Page - Maxim Integrated Products MAX3110EENI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX3111E (continued)
(VCC = +3.0V to +3.6V, VA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +3.3V, TA = +25°C.) (Note 2)
Output Fall Time
tf
10
ns
TX, RTS, DOUT, IRQ; CLOAD = 100pF
CS Rising Edge to SCLK Rising
Edge
tCS1
200
ns
CS High Pulse Width
tCSW
200
ns
Output Rise Time
tr
10
ns
TX, RTS, DOUT; CLOAD = 100pF
SCLK Rising Edge to CS Falling
tCS0
100
ns
SCLK High Time
tCH
100
ns
SCLK Low Time
tCL
100
ns
SCLK Period
tCP
238
ns
SCLK Fall to DOUT Valid
tDO
100
ns
DIN to SCLK Setup Time
tDS
100
ns
DIN to SCLK Hold Time
tDH
0
ns
CLOAD = 100pF
CS to SCLK Hold Time
tCSH
0
ns
CS Low to DOUT Valid
tDV
100
ns
CS High to DOUT Tri-State
tTR
100
ns
CS to SCLK Setup Time
tCSS
100
ns
CLOAD = 100pF
CLOAD = 100pF, R CS = 10k
Ω
0.9
ISINK = 25mA, TX only
Output Low Voltage
VOL2
0.4
V
±25
VCC - 0.5
ISINK = 4mA; DOUT, RTS
Output Low Voltage
VOL1
0.4
V
Output High Voltage
VOH1
VCC - 0.6
V
Output Voltage Swing
±5
±5.4
V
Output Resistance
RO
300
10M
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
ILKG2
µA
ISOURCE = 10mA, TX only
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Leakage Current
ILKG3
±1
µA
Output High Voltage
VOH2
VCC - 0.5
V
Output Capacitance
COUT1
5
pF
Output Leakage Current
ILKG4
±1
µA
Output Low Voltage
VOL3
0.4
V
Output Capacitance
COUT2
5
pF
DOUT only; CS = VCC
ISINK = 1.6mA
ISOURCE = 1mA
3k
Ω load on all transmitter outputs
VCC = V+ = V- = 0, VOUT = ±2V
ISOURCE = 5mA; DOUT, RTS
VCC = 0 or 3.6V, VOUT = ±12V,
transmitters disabled
V IRQ = 3.6V
ISINK = 4mA
CONDITION
RS-232 RECEIVER OUTPUTS (R_OUT)
RS-232 TRANSMITTER OUTPUTS (T_OUT)
UART OUTPUTS (DOUT, TX, RTS)
UART IRQ OUTPUT (IRQ = open drain)
UART AC TIMING


Similar Part No. - MAX3110EENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110EENI MAXIM-MAX3110EENI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
More results

Similar Description - MAX3110EENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com