Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3110EEWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3110EEWI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3110EEWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3110EEWI Datasheet HTML 1Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 2Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 3Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 4Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 5Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 6Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 7Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 8Page - Maxim Integrated Products MAX3110EEWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX3110E (continued)
(VCC = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +5V, TA = +25°C.) (Note 2)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
0
tDH
DIN to SCLK Hold Time
ns
100
tDS
DIN to SCLK Setup Time
ns
238
tCP
SCLK Period
ns
100
tCL
SCLK Low Time
ns
100
tCH
SCLK High Time
ns
100
tCS0
SCLK Rising Edge to CS Falling
TX, RTS, DOUT; CL = 100pF
ns
10
tr
Output Rise Time
ns
200
tCSW
CS High Pulse Width
ns
200
tCS1
CS Rising Edge to SCLK Rising
Edge
TX, RTS, DOUT, IRQ; CL = 100pF
ns
10
tf
Output Fall Time
CL = 150pF to
2500pF
430
V/µs
Receiver Skew
|tPHL - tPLH|
50
ns
CL = 150pF to
1000pF
Transmitter Skew
|tPHL - tPLH|
100
ns
tPLH
150
ns
Transition-Region Slew Rate
630
Maximum Data Rate
250
kbps
Receiver Propagation Delay
tPHL
150
(Note 5)
CL = 150pF
VCC = 5V,
RL = 3k
Ω to 7kΩ,
TA = +25°C,
measured from
+3V to -3V or
-3V to +3V
RL = 3k
Ω, CL = 1000pF,
one transmitter switching
Receiver input to receiver output
RS-232 AC TIMING


Similar Part No. - MAX3110EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110EEWI MAXIM-MAX3110EEWI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
More results

Similar Description - MAX3110EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com