Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3111ECNI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3111ECNI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111ECNI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3111ECNI Datasheet HTML 1Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 2Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 3Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 4Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 5Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 6Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 7Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 8Page - Maxim Integrated Products MAX3111ECNI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX3110E/MAX3111E combine a full-featured uni-
versal asynchronous receiver/transmitter (UART) with
±15kV ESD-protected RS-232 transceivers and inte-
grated charge-pump capacitors into a single 28-pin
package for use in space-, cost-, and power-con-
strained applications. The MAX3110E/MAX3111E also
feature an SPI™/QSPI™/MICROWIRE™-compatible
serial interface to save additional board space and
microcontroller (µC) I/O pins.
A proprietary low-dropout output stage enables the
2-driver/2-receiver interface to deliver true RS-232 per-
formance down to VCC = +3V (+4.5V for MAX3110E)
while consuming only 600µA. The receivers remain
active in a hardware/software-invoked shutdown, allow-
ing external devices to be monitored while consuming
only 10µA. Each device is guaranteed to operate at up
to 230kbps while maintaining true EIA/TIA-232 output
voltage levels.
The MAX3110E/MAX3111E’s UART includes a crystal
oscillator and baud-rate generator with software-pro-
grammable divider ratios for all common baud rates
from 300baud to 230kbaud. The UART features an 8-
word-deep receive FIFO that minimizes processor over-
head and provides a flexible interrupt with four
maskable sources. Two control lines (one input and
one output) are included for hardware handshaking.
The UART and RS-232 functions can be used together
or independently since the two functions share only
supply and ground connections (the MAX3110E/
MAX3111E are hardware- and software-compatible
with the MAX3100 and MAX3222E).
________________________Applications
Point-of-Sale (POS) Devices
Handy-Terminals
Telecom/Networking Diagnostic Ports
Industrial Front-Panel Interfaces
Hand-Held/Battery-Powered Equipment
Features
♦ Integrated RS-232 Transceiver and UART in a
Single 28-Pin Package
♦ SPI/QSPI/MICROWIRE-Compatible µC Interface
♦ Internal Charge-Pump Capacitors—
No External Components Required!
♦ True RS-232 Operation Down to VCC = +3V
(MAX3111E)
♦ ESD Protection for RS-232 I/O Pins
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±15kV—IEC 1000-4-2, Air-Gap Discharge
♦ Single-Supply Operation
+5V (MAX3110E)
+3.3V (MAX3111E)
♦ Low Power
600µA Supply Current
10µA Shutdown Supply Current with
Receiver Interrupt Active
♦ Guaranteed 230kbps Data Rate
♦ Hardware/Software-Compatible with MAX3100
and MAX3222E
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
________________________________________________________________
Maxim Integrated Products
1
67
8
RS-232
DB-9
CS
SCLK
SPI
DIN
DOUT
μP
U
A
R
T
9
12
3
4
5
IRQ
MAX3110E
MAX3111E
19-1494; Rev 1; 12/05
Typical Application Circuit
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
Pin Configuration appears at end of data sheet.
Covered by U.S. Patent numbers 4,636,930; 4,679,134;
4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; and
other patents pending.
PART
MAX3110ECWI
MAX3110ECNI
0°C to +70°C
0°C to +70°C
TEMP.
RANGE
PIN-
PACKAGE
28 Wide SO
28 Plastic DIP
VCC
(V)
5
5


Similar Part No. - MAX3111ECNI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3111ECNI MAXIM-MAX3111ECNI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
More results

Similar Description - MAX3111ECNI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com