Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1620FVC-TR Datasheet(PDF) 2 Page - Rohm

Part # BH1620FVC-TR
Description  Analog Current Output Type Ambient Light Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1620FVC-TR Datasheet(HTML) 2 Page - Rohm

  BH1620FVC-TR Datasheet HTML 1Page - Rohm BH1620FVC-TR Datasheet HTML 2Page - Rohm BH1620FVC-TR Datasheet HTML 3Page - Rohm BH1620FVC-TR Datasheet HTML 4Page - Rohm BH1620FVC-TR Datasheet HTML 5Page - Rohm BH1620FVC-TR Datasheet HTML 6Page - Rohm BH1620FVC-TR Datasheet HTML 7Page - Rohm BH1620FVC-TR Datasheet HTML 8Page - Rohm BH1620FVC-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BH1620FVC
Technical Note
2/9
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics ( VCC = 3.0V, Ta = 25℃, unless otherwise noted )
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current1 ( Operate )
Icc1
48.5
71
97
µA
Ev=100 lx (H-Gain Mode)
Supply Current2 ( 0 lx )
Icc2
4.5
9
13.5
µA
Ev=0 lx (H-Gain Mode)
Supply Current3 ( Shutdown )
Icc3sd
-
0.2
0.4
µA
VGC1=V GC2=0 No Input Light
IOUT Output Current1(Dark Current)
Iout1
-
-
0.2
µA
Ev=0 lx
IOUT Output Current2
Iout2
48.5
57
65.5
µA
Ev=100 lx (H-Gain Mode)
Peak Wave Length
λp
-
560
-
nm
Incandescent/Fluorescent
Light Current Ratio
rIF
-
1.0
-
times
Ev=100 lx
Saturated Output Voltage
VOMAX
2.6
2.9
3.0
V
Ev=100 lx, RL=220kΩ
(H-Gain Mode)
GC1,GC2 Input ‘L’ Voltage
VIL
0
-
0.4
V
GC1,GC2 Input ‘H’ Voltage1
VIH1
1.4
-
Vcc
V
2.4V ≦ VCC ≦ 3.6V
GC1,GC2 Input ‘H’ Voltage2
VIH2
2.0
-
Vcc
V
3.6V < VCC ≦ 5.5V
Wake-up Time
twu
-
45
128
µs
Shutdown → H-Gain Mode
Ev=100lx
Gain Ratio
H-Gain Mode/M-Gain Mode
rHM
9.5
10
10.5
times
Ev=100lx
Gain Ratio
M-Gain Mode/L-Gain Mode
rML
9.5
10
10.5
times
Ev=100lx
White LED is used as optical source


Similar Part No. - BH1620FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1620FVC ROHM-BH1620FVC Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH1620FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC Datasheet
266Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1682FVC ROHM-BH1682FVC Datasheet
1Mb / 15P
   Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC_12 Datasheet
502Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1621FVC ROHM-BH1621FVC Datasheet
293Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com