Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9730 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9730
Description  2.4W, Single-Supply, Class G Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9730 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9730 Datasheet HTML 1Page - Maxim Integrated Products MAX9730 Datasheet HTML 2Page - Maxim Integrated Products MAX9730 Datasheet HTML 3Page - Maxim Integrated Products MAX9730 Datasheet HTML 4Page - Maxim Integrated Products MAX9730 Datasheet HTML 5Page - Maxim Integrated Products MAX9730 Datasheet HTML 6Page - Maxim Integrated Products MAX9730 Datasheet HTML 7Page - Maxim Integrated Products MAX9730 Datasheet HTML 8Page - Maxim Integrated Products MAX9730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9730 features a mono Class G power amplifier
with an integrated inverting charge-pump power supply.
The charge pump can supply up to 500mA of peak out-
put current over a 2.7VDC to 5.5VDC supply voltage
range, guaranteeing up to 2.4W output power into an
8
Ω load. The 2.4W output power allows for transient
audio content to remain unclipped as the battery rail col-
lapses over time.
The MAX9730 maximizes battery life by offering high-
performance efficiency. Maxim’s proprietary output
stage provides efficiency levels greater than Class AB
devices without the EMI penalties commonly associat-
ed with Class D amplifiers. High efficiency allows the
MAX9730 to be packaged in a WLP package without
derating the output power handling capability.
The device utilizes fully differential inputs and outputs,
comprehensive click-and-pop suppression, shutdown
control, and soft-start circuitry. The MAX9730 is fully
specified over the -40°C to +85°C extended tempera-
ture range and is available in ultra-small, lead-free,
20-bump WLP (2mm x 2.5mm) and 28-pin TQFN (4mm
x 4mm) packages.
Features
o 2.7V to 5.5V Operation
o Integrated Charge-Pump Power Supply
o 63% Efficiency (VCC = 5V, POUT = 1W)
o 2.4W Output Power into 8Ω at VCC = 5V
o Clickless/Popless Operation
o Small Thermally Efficient Packages
2mm x 2.5mm 20-Bump WLP
4mm x 4mm 28-Pin TQFN
2.4W, Single-Supply, Class G Power Amplifier
________________________________________________________________
Maxim Integrated Products
1
PART
PIN-PACKAGE
TEMP RANGE
MAX9730EWP+TG45
20 WLP
-40°C to +85°C
MAX9730ETI+
28 TQFN-EP*
-40°C to +85°C
Ordering Information
MAX9730
+
IN+
FB+
RIN+
CPVDD
2.7V TO 5.5V
RIN-
CIN
CIN
IN-
FB-
OUT+
OUT-
-
CLASS G
OUTPUT
STAGE
CHARGE
PUMP
RFB+
RFB-
VCC
CPGND
GND
Simplified Block Diagram
19-0701; Rev 5; 3/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
MP3 Players
Personal Media Players
Handheld Gaming
Consoles
Cell Phones
Smartphones
Notebook Computers
Applications
Typical Application Circuit/Functional Diagram and Pin
Configurations appear at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
G45 indicates protective die coating.
*
EP = Exposed pad.


Similar Part No. - MAX9730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9730 MAXIM-MAX9730 Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
MAX9730 MAXIM-MAX9730 Datasheet
316Kb / 15P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 1; 11/07
MAX9730 MAXIM-MAX9730 Datasheet
102Kb / 4P
   Configurable Switching Frequency
Rev 0; 2/07
MAX9730EBP+T MAXIM-MAX9730EBP+T Datasheet
316Kb / 15P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 1; 11/07
MAX9730EBPT MAXIM-MAX9730EBPT Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
More results

Similar Description - MAX9730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9730 MAXIM-MAX9730 Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
MAX9730 MAXIM-MAX9730_07 Datasheet
316Kb / 15P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 1; 11/07
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
   2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Maxim Integrated Produc...
MAX98302 MAXIM-MAX98302 Datasheet
1Mb / 13P
   Srereo 2.4W Class D Amplifier
19-5169; Rev 0; 4/10
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
logo
Integrated Silicon Solu...
IS31AP2031 ISSI-IS31AP2031 Datasheet
384Kb / 12P
   CLASS-G AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Global Mixed-mode Techn...
G1901 GMT-G1901 Datasheet
42Kb / 1P
   2.4W Mono Class-D Audio Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8602B ETC2-CM8602B Datasheet
231Kb / 4P
   2.4W Audio Amplifier Stereo
logo
Wuxi Youda electronics ...
YD2025H YOUDA-YD2025H Datasheet
150Kb / 4P
   2.4W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com