Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15041 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15041
Description  Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15041 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15041 Datasheet HTML 3Page - Maxim Integrated Products MAX15041 Datasheet HTML 4Page - Maxim Integrated Products MAX15041 Datasheet HTML 5Page - Maxim Integrated Products MAX15041 Datasheet HTML 6Page - Maxim Integrated Products MAX15041 Datasheet HTML 7Page - Maxim Integrated Products MAX15041 Datasheet HTML 8Page - Maxim Integrated Products MAX15041 Datasheet HTML 9Page - Maxim Integrated Products MAX15041 Datasheet HTML 10Page - Maxim Integrated Products MAX15041 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM
Step-Down DC-DC Regulator with Internal Switches
_______________________________________________________________________________________
7
DEVICE POWER DISSIPATION
vs. LOAD CURRENT
LOAD CURRENT (A)
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
0
0
3.0
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VIN = 12V
DEVICE POWER DISSIPATION
vs. LOAD CURRENT
LOAD CURRENT (A)
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
0
03.0
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VIN = 5V
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (NC)
75
65
55
45
35
25
15
2.2
2.4
2.6
2.8
3.0
3.2
2.0
585
VIN = 12V
TJ P +150NC
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (NC)
75
65
55
45
35
25
15
2.2
2.4
2.6
2.8
3.0
3.2
2.0
585
VIN = 28V
TJ P +150NC
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 1.2V
Typical Operating Characteristics (continued)
(VIN = 12V, VOUT = 3.3V, CVDD = 1µF, CIN = 22µF, TA = +25°C, circuit of Figure 3 (see Table 1 for values), unless otherwise specified.)


Similar Part No. - MAX15041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041 MAXIM-MAX15041 Datasheet
1Mb / 16P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Rev 0; 7/09
MAX15041 MAXIM-MAX15041 Datasheet
1Mb / 18P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
MAX15041 MAXIM-MAX15041 Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
MAX15041ETE MAXIM-MAX15041ETE Datasheet
1Mb / 18P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
MAX15041ETE++ MAXIM-MAX15041ETE+ Datasheet
1Mb / 16P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Rev 0; 7/09
More results

Similar Description - MAX15041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041 MAXIM-MAX15041 Datasheet
1Mb / 16P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Rev 0; 7/09
MAX15041 MAXIM-MAX15041_11 Datasheet
1Mb / 18P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
logo
Renesas Technology Corp
RAA211835 RENESAS-RAA211835 Datasheet
3Mb / 23P
   4.5V to 75V, 3A, DC/DC Nonsynchronous Step-Down Regulator with Internal Compensation and Adjustable Frequency
Mar 13, 2023
logo
Texas Instruments
TPS54335 TI1-TPS54335_13 Datasheet
1Mb / 40P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Maxim Integrated Produc...
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
logo
Renesas Technology Corp
RAA211630 RENESAS-RAA211630 Datasheet
2Mb / 26P
   4.5V to 60V, 3A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Programmable Frequency
Oct 12, 2022
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331_1 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com