Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16052 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16052
Description  High-Voltage, Adjustable Sequencing/Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16052 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16052 Datasheet HTML 3Page - Maxim Integrated Products MAX16052 Datasheet HTML 4Page - Maxim Integrated Products MAX16052 Datasheet HTML 5Page - Maxim Integrated Products MAX16052 Datasheet HTML 6Page - Maxim Integrated Products MAX16052 Datasheet HTML 7Page - Maxim Integrated Products MAX16052 Datasheet HTML 8Page - Maxim Integrated Products MAX16052 Datasheet HTML 9Page - Maxim Integrated Products MAX16052 Datasheet HTML 10Page - Maxim Integrated Products MAX16052 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Voltage, Adjustable
Sequencing/Supervisory Circuits
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1EN
Active-High Logic-Enable Input. Drive EN low to immediately deassert the output to its false state (OUT
= low) independent of VIN. With VIN above VTH, drive EN high to assert the output to its true state (OUT
= high) after the adjustable delay period. Connect EN to VCC, if not used.
2
GND
Ground
3IN
High-Impedance Monitor Input. Connect IN to an external resistive divider to set the desired monitor
threshold. The output changes state when VIN rises above 0.5V and when VIN falls below 0.495V.
4
OUT
Active-High Sequencer/Monitor Output. Open-drain (MAX16052) or push-pull (MAX16053). OUT is
asserted to its true state (OUT = high) when VIN is above VTH and the enable input is in its true state (EN
= high) after the capacitor-adjusted delay period. OUT is deasserted to its false state (OUT = low)
immediately after VIN drops below 0.495V or the enable input is in its false state (EN = low). The
MAX16052 open-drain output requires an external pullup resistor.
5VCC
Supply Voltage Input. Connect a 2.25V to 28V supply to VCC to power the device. For noisy systems,
bypass with a 0.1µF ceramic capacitor to GND.
6
CDELAY
Capacitor-Adjustable Delay Input. Connect an external capacitor (CCDELAY) from CDELAY to GND to
set the IN-to-OUT and EN-to-OUT delay period. For VIN rising, tDELAY = (CCDELAY x 4.0 x 106) + 30µs.
For EN rising, tPROP = (CCDELAY x 4.0 x 106) + 14µs.
EN LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-8
-6
-4
-2
0
2
4
6
8
10
-10
-40
125
VCC = 28V
VCC = VEN = VIN
EN LEAKAGE CURRENT
vs. IN VOLTAGE
VEN (V)
26
24
20 22
14
12
18
16
46
10
8
2
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
028
VCC = 28V
VCC = VIN
Typical Operating Characteristics (continued)
(VCC = 3.3V and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052AUT+T MAXIM-MAX16052AUT+T Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
More results

Similar Description - MAX16052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com